Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # 4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4100 Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button 4100 Datasheet HTML 21Page - Cypress Semiconductor 4100 Datasheet HTML 22Page - Cypress Semiconductor 4100 Datasheet HTML 23Page - Cypress Semiconductor 4100 Datasheet HTML 24Page - Cypress Semiconductor 4100 Datasheet HTML 25Page - Cypress Semiconductor 4100 Datasheet HTML 26Page - Cypress Semiconductor 4100 Datasheet HTML 27Page - Cypress Semiconductor 4100 Datasheet HTML 28Page - Cypress Semiconductor 4100 Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
Document Number: 001-87220 Rev. *J
Page 25 of 43
PSoC® 4: PSoC 4100 Family
Datasheet
SID111B
A_INL
Integral non linearity
–1.5
–
+1.7
LSB
VDDD = 1.71 to 5.5,
500 ksps, VREF = 1 to
5.5.
SID112
A_DNL
Differential non linearity
–1
–
+2.2
LSB
VDDD = 1.71 to 5.5,
806 ksps, VREF = 1 to
5.5.
SID112A
A_DNL
Differential non linearity
–1
–
+2
LSB
VDDD = 1.71 to 3.6,
806 ksps, VREF =
1.71 to VDDD.
SID112B
A_DNL
Differential non linearity
–1
–
+2.2
LSB
VDDD = 1.71 to 5.5,
500 ksps, VREF = 1 to
5.5.
Table 12. SAR ADC DC Specifications (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
Table 13. SAR ADC AC Specifications (Guaranteed by Characterization)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID108
A_SAMP_1
Sample rate with external reference
bypass cap
–
–
806
ksps
SID108A
A_SAMP_2
Sample rate with no bypass cap.
Reference = VDD
–
–
500
ksps
SID108B
A_SAMP_3
Sample rate with no bypass cap.
Internal reference
–
–
100
ksps
SID109
A_SNDR
Signal-to-noise and distortion ratio
(SINAD)
65
–
–
dB
FIN = 10 kHz
SID113
A_THD
Total harmonic distortion
–
–
–65
dB
FIN = 10 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com