Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # 4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4100 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button 4100 Datasheet HTML 12Page - Cypress Semiconductor 4100 Datasheet HTML 13Page - Cypress Semiconductor 4100 Datasheet HTML 14Page - Cypress Semiconductor 4100 Datasheet HTML 15Page - Cypress Semiconductor 4100 Datasheet HTML 16Page - Cypress Semiconductor 4100 Datasheet HTML 17Page - Cypress Semiconductor 4100 Datasheet HTML 18Page - Cypress Semiconductor 4100 Datasheet HTML 19Page - Cypress Semiconductor 4100 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Document Number: 001-87220 Rev. *J
Page 16 of 43
PSoC® 4: PSoC 4100 Family
Datasheet
Note
It is good practice to check the datasheets for your bypass capacitors, specifically the working voltage and the DC bias specifi-
cations. With some capacitors, the actual capacitance can decrease considerably when the DC bias (VDDA, VDDD, or VCCD) is a
significant percentage of the rated working voltage. VDDA must be equal to or higher than the VDDD supply when powering up.
Figure 13. 40-pin QFN Example
Figure 14. 28-SSOP Example
Regulated External Supply
In this mode, the PSoC 4100 is powered by an external power
supply that must be within the range of 1.71 V to 1.89 V (1.8
±5%); note that this range needs to include power supply ripple
too. In this mode, VCCD, VDDA, and VDDD pins are all shorted
together and bypassed. The internal regulator is disabled in
firmware.
0.1 µF C4
C5 1 µF
QFN
(Top View)
10
30
29
28
27
26
25
24
23
22
21
2
3
4
5
6
7
8
9
(GPIO) P2[1]
(GPIO) P2[3]
(GPIO) P2[4]
(GPIO) P2[5]
(GPIO) P2[6]
(GPIO) P2[7]
VSS
(GPIO) P4[3]
(GPIO) P0[0]
(GPIO) P0[1]
(GPIO) P0[2]
(GPIO) P0[3]
(GPIO) P0[4]
(GPIO) P0[5]
(GPIO) P0[6]
(GPIO) P0[7]
XRES
1
(GPIO) P3[0]
(GPIO) P2[0]
(GPIO) P2[2]
VSS
VSS
VSS
VSS
VSS
C3 1µF
1µF C1
C2 0.1 µF
(GPIO) P3[0]
( GPIO) P0[1]
SSOP
( Top View)
10
11
P1[2]
28
27
26
25
23
22
21
20
19
18
17
2
3
4
5
6
7
8
9
(GPIO)P1[1]
(GPIO )
(GPIO) P1[7]
( GPIO) P2[2]
(GPIO ) P2[3]
(GPIO ) P2[4]
(GPIO) P2[5]
(GPIO) 2[6]
(GPIO) P4[3]
(GPIO) P0[0]
( GPIO) P0[2]
( GPIO) P0[3]
( GPIO) P0[6]
(GPIO) P0[7]
XRES
VDDD
VSS
1
12
13
14
(GPIO )P1[0]
(GPIO)P3[1]
(GPIO)P3[2]
(GPIO )P3[3]
(GPIO)P2[7]
(GPIO)P4[2]
VCCD
(GPIO)P4[1]
(GPIO)P4[0]
16
15
24
C3 1µF
VSS
VSS
0.1 µF C2
C1 1µF
VSS
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com