Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # 4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4100 Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button 4100 Datasheet HTML 11Page - Cypress Semiconductor 4100 Datasheet HTML 12Page - Cypress Semiconductor 4100 Datasheet HTML 13Page - Cypress Semiconductor 4100 Datasheet HTML 14Page - Cypress Semiconductor 4100 Datasheet HTML 15Page - Cypress Semiconductor 4100 Datasheet HTML 16Page - Cypress Semiconductor 4100 Datasheet HTML 17Page - Cypress Semiconductor 4100 Datasheet HTML 18Page - Cypress Semiconductor 4100 Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
Document Number: 001-87220 Rev. *J
Page 15 of 43
PSoC® 4: PSoC 4100 Family
Datasheet
Power
The following power system diagrams show the minimum set of
power supply pins as implemented for PSoC 4100. The system
has one regulator in Active mode for the digital circuitry. There is
no analog regulator; the analog circuits run directly from the
VDDA input. There are separate regulators for the Deep Sleep
and Hibernate (lowered power supply and retention) modes.
There is a separate low-noise regulator for the bandgap. The
supply voltage range is 1.71 V to 5.5 V with all functions and
circuits operating over that range.
Figure 10. PSoC 4 Power Supply
The PSoC 4100 family allows two distinct modes of power supply
operation: Unregulated External Supply, and Regulated External
Supply modes.
Unregulated External Supply
In this mode, PSoC 4100 is powered by an external power supply
that can be anywhere in the range of 1.8 V to 5.5 V. This range
is also designed for battery-powered operation, for instance, the
chip can be powered from a battery system that starts at 3.5 V
and works down to 1.8 V. In this mode, the internal regulator of
PSoC 4100 supplies the internal logic and the VCCD output of the
PSoC 4100 must be bypassed to ground via an external
Capacitor (in the range of 1 µF to 1.6 µF; X5R ceramic or better).
VDDA and VDDD must be shorted together; the grounds, VSSA
and VSS must also be shorted together. Bypass capacitors must
be used from VDDD to ground, typical practice for systems in this
frequency range is to use a capacitor in the 1-µF range in parallel
with a smaller capacitor (0.1 µF for example). Note that these are
simply rules of thumb and that, for critical applications, the PCB
layout, lead inductance, and the Bypass capacitor parasitic
should be simulated to design and obtain optimal bypassing.
Figure 11. 48-TQFP Package Example
Figure 12. 44-TQFP Package Example
Analog
Domain
VDDA
VSSA
VDDA
1.8 Volt
Reg
VDDD
VSSD
VDDD
VCCD
Digital
Domain
Power Supply
Bypass Capacitors
VDDD–VSS
0.1 µF ceramic at each pin (C2, C6) plus
bulk capacitor 1 to 10 µF (C1). Total capac-
itance may be greater than 10 µF.
VDDA–VSSA
0.1 µF ceramic at pin (C4). Additional
1 µF to 10 µF (C3) bulk capacitor. Total
capacitance may be greater than 10 µF.
VCCD–VSS
1 µF ceramic capacitor at the VCCD pin
(C5)
VREF–VSSA
(optional)
The internal bandgap may be bypassed
with a 1 µF to 10 µF capacitor. Total capac-
itance may be greater than 10 µF.
C2 0.1 µF
GROUND
1 µF C1
C5 1 µF
0.1 µF C4
C3 1 µF
GROUND
GROUND
GROUND
GROUND
C3 1 µF
0.1 µF C4
48
47
46
45
44
43
42
41
40
39
38
37
(GPIO)P1.7/VREF1 ?
36
XRES
(GPIO) P2.0
235
(GPIO) P0.7
(GPIO) P2.1
334
(GPIO) P0.6
(GPIO) P2.2
433
(GPIO) P0.5
(GPIO) P2.3
5
48 TQFP
32
(GPIO) P0.4
(GPIO) P2.4
631
(GPIO) P0.3
(GPIO) P2.5
730
(GPIO) P0.2
(GPIO) P2.6
829
(GPIO) P0.1
(GPIO) P2.7
928
(GPIO) P0.0
NC
10
27
NC
NC
11
26
NC
(GPIO) P3.0
12
25
(GPIO) P4.3
13
14
15
16
17
18
19
20
21
22
23
24
Top View
TQ FP
(Top View )
10
33
32
31
30
29
28
27
26
25
24
2
3
4
5
6
7
8
9
VSS
1
11
23
VSS
(GPIO)P2[0]
(GPIO)P2[1]
(GPIO)P2[2]
(GPIO)P2[3]
(GPIO)P2[4]
(GPIO)P2[5]
(GPIO)P2[6]
(GPIO)P2[7]
(GPIO)P3[0]
(GPIO) P4[3]
(GPIO) P0[0]
(GPIO) P0[1]
(GPIO) P0[2]
(GPIO) P0[3]
(GPIO) P0[4]
(GPIO) P0[5]
(GPIO) P0[7]
XRES
(GPIO) P0[6]
C2 0.1 µF
VSS
1 µF C1
VSS
C5 1 µF
VSS
VC CD
C6 0.1 µF
VSS
VSS
VSS
0.1 µF C4
C3 1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com