Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # 4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4100 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button 4100 Datasheet HTML 16Page - Cypress Semiconductor 4100 Datasheet HTML 17Page - Cypress Semiconductor 4100 Datasheet HTML 18Page - Cypress Semiconductor 4100 Datasheet HTML 19Page - Cypress Semiconductor 4100 Datasheet HTML 20Page - Cypress Semiconductor 4100 Datasheet HTML 21Page - Cypress Semiconductor 4100 Datasheet HTML 22Page - Cypress Semiconductor 4100 Datasheet HTML 23Page - Cypress Semiconductor 4100 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Document Number: 001-87220 Rev. *J
Page 20 of 43
PSoC® 4: PSoC 4100 Family
Datasheet
GPIO
Note
2. VIH must not exceed VDDD + 0.2 V.
Table 4. GPIO DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID57
VIH[2]
Input voltage high threshold
0.7 ×
VDDD
––
V
CMOS Input
SID58
VIL
Input voltage low threshold
0.3 ×
VDDD
VCMOS Input
SID241
VIH[2]
LVTTL input, VDDD < 2.7 V
0.7×
VDDD
––
V
SID242
VIL
LVTTL input, VDDD < 2.7 V
0.3 ×
VDDD
V
SID243
VIH[2]
LVTTL input, VDDD  2.7 V
2.0
V
SID244
VIL
LVTTL input, VDDD  2.7 V
0.8
V
SID59
VOH
Output voltage high level
VDDD
–0.6
––
V
IOH = 4 mA at
3-V VDDD
SID60
VOH
Output voltage high level
VDDD
–0.5
––
V
IOH = 1 mA at
1.8-V VDDD
SID61
VOL
Output voltage low level
0.4
V
IOL = 4 mA at
1.8-V VDDD
SID62
VOL
Output voltage low level
0.6
V
IOL = 8 mA at 3-V
VDDD
SID62A
VOL
Output voltage low level
0.4
V
IOL = 3 mA at 3-V
VDDD
SID63
RPULLUP
Pull-up resistor
3.5
5.6
8.5
kΩ
SID64
RPULLDOWN
Pull-down resistor
3.5
5.6
8.5
kΩ
SID65
IIL
Input leakage current (absolute value)
2
nA
25 °C, VDDD =
3.0-V
SID65A
IIL_CTBM
Input leakage current (absolute value)
for CTBM pins
––
4
nA
SID66
CIN
Input capacitance
7
pF
SID67
VHYSTTL
Input hysteresis LVTTL
25
40
mV
VDDD  2.7 V.
Guaranteed by
characterization
SID68
VHYSCMOS
Input hysteresis CMOS
0.05 ×
VDDD
mV
Guaranteed by
characterization
SID69
IDIODE
Current through protection diode to
VDD/Vss
––
100
µA
Guaranteed by
characterization
SID69A
ITOT_GPIO
Maximum Total Source or Sink Chip
Current
200
mA
Guaranteed by
characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com