Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # 4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4100 Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button 4100 Datasheet HTML 22Page - Cypress Semiconductor 4100 Datasheet HTML 23Page - Cypress Semiconductor 4100 Datasheet HTML 24Page - Cypress Semiconductor 4100 Datasheet HTML 25Page - Cypress Semiconductor 4100 Datasheet HTML 26Page - Cypress Semiconductor 4100 Datasheet HTML 27Page - Cypress Semiconductor 4100 Datasheet HTML 28Page - Cypress Semiconductor 4100 Datasheet HTML 29Page - Cypress Semiconductor 4100 Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
Document Number: 001-87220 Rev. *J
Page 26 of 43
PSoC® 4: PSoC 4100 Family
Datasheet
CSD
Table 14. CSD Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID.CSD#16 IDAC1IDD
IDAC1 (8 bits) block current
–
–
1125
μA
SID.CSD#17 IDAC2IDD
IDAC2 (7 bits) block current
–
–
1125
μA
SID308
VCSD
Voltage range of operation
1.71
–
5.5
V
SID308A
VCOMPIDAC
Voltage compliance range of IDAC for S0
0.8
–
VDD-0.8
V
SID309
IDAC1
DNL for 8-bit resolution
–1
–
1
LSB
SID310
IDAC1
INL for 8-bit resolution
–3
–
3
LSB
SID311
IDAC2
DNL for 7-bit resolution
–1
–
1
LSB
SID312
IDAC2
INL for 7-bit resolution
–3
–
3
LSB
SID313
SNR
Ratio of counts of finger to noise, 0.1-pF
sensitivity
5
–
–
Ratio Capacitance
range of 9 to 35 pF,
0.1-pF sensitivity
SID314
IDAC1_CRT1
Output current of IDAC1 (8 bits) in High
range
–
612
–
uA
SID314A
IDAC1_CRT2
Output current of IDAC1 (8 bits) in Low
range
–
306
–
uA
SID315
IDAC2_CRT1
Output current of IDAC2 (7 bits) in High
range
–
304.8
–
uA
SID315A
IDAC2_CRT2
Output current of IDAC2 (7 bits) in Low
range
–
152.4
–
uA
SID320
IDACOFFSET
All zeroes input
–
–
±1
LSB
SID321
IDACGAIN
Full-scale error less offset
–
–
±10
%
SID322
IDACMISMATCH Mismatch between IDACs
–
–
7
LSB
SID323
IDACSET8
Settling time to 0.5 LSB for 8-bit IDAC
–
–
10
μs
Full-scale
transition. No
external load.
SID324
IDACSET7
Settling time to 0.5 LSB for 7-bit IDAC
–
–
10
μs
Full-scale
transition. No
external load.
SID325
CMOD
External modulator capacitor
–
2.2
–
nF
5-V rating, X7R or
NP0 cap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com