Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # 4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4100 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button 4100 Datasheet HTML 28Page - Cypress Semiconductor 4100 Datasheet HTML 29Page - Cypress Semiconductor 4100 Datasheet HTML 30Page - Cypress Semiconductor 4100 Datasheet HTML 31Page - Cypress Semiconductor 4100 Datasheet HTML 32Page - Cypress Semiconductor 4100 Datasheet HTML 33Page - Cypress Semiconductor 4100 Datasheet HTML 34Page - Cypress Semiconductor 4100 Datasheet HTML 35Page - Cypress Semiconductor 4100 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Document Number: 001-87220 Rev. *J
Page 32 of 43
PSoC® 4: PSoC 4100 Family
Datasheet
Table 38. Block Specs
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID257
TWS24*
Number of wait states at 24 MHz
0
–
–
CPU execution from
Flash. Guaranteed by
characterization
SID260
VREFSAR
Trimmed internal reference to SAR
–1
–
+1
%
Percentage of Vbg
(1.024 V). Guaranteed
by characterization
SID262
TCLKSWITCH
Clock switching from clk1 to clk2 in
clk1 periods
3
–
4
Periods Guaranteed by design
* Tws24 is guaranteed by Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com