Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # 4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4100 Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button 4100 Datasheet HTML 31Page - Cypress Semiconductor 4100 Datasheet HTML 32Page - Cypress Semiconductor 4100 Datasheet HTML 33Page - Cypress Semiconductor 4100 Datasheet HTML 34Page - Cypress Semiconductor 4100 Datasheet HTML 35Page - Cypress Semiconductor 4100 Datasheet HTML 36Page - Cypress Semiconductor 4100 Datasheet HTML 37Page - Cypress Semiconductor 4100 Datasheet HTML 38Page - Cypress Semiconductor 4100 Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
Document Number: 001-87220 Rev. *J
Page 35 of 43
PSoC® 4: PSoC 4100 Family
Datasheet
Packaging
PSoC 4 CAB Libraries with Schematics Symbols and PCB Footprints are on the Cypress web site at
http://www.cypress.com/cad-resources/psoc-4-cad-libraries?source=search&cat=technical_documents.
Table 40. Package Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Units
TA
Operating ambient temperature
–40
25.00
105
°C
TJ
Operating junction temperature
–40
–
125
°C
TJA
Package
JA (28-pin SSOP)
–
66.58
–
°C/Watt
TJA
Package
JA (35-ball WLCSP)
–
28.00
–
°C/Watt
TJA
Package
JA (40-pin QFN)
–
15.34
–
°C/Watt
TJA
Package
JA (44-pin TQFP)
–
57.16
–
°C/Watt
TJA
Package
JA (48-pin TQFP)
–
67.30
–
°C/Watt
TJC
Package
JC (28-pin SSOP)
–
26.28
–
°C/Watt
TJC
Package
JC (35-ball WLCSP)
–
00.40
–
°C/Watt
TJC
Package
JC (40-pin QFN)
–
2.50
–
°C/Watt
TJC
Package
JC (44-pin TQFP)
–
17.47
–
°C/Watt
TJC
Package
JC (48-pin TQFP)
–
27.60
–
°C/Watt
Table 41. Solder Reflow Peak Temperature
Package
Maximum Peak
Temperature
Maximum Time at Peak Temperature
28-pin SSOP
260 °C
30 seconds
35-ball WLCSP
260 °C
30 seconds
40-pin QFN
260 °C
30 seconds
44-pin TQFP
260 °C
30 seconds
48-pin TQFP
260 °C
30 seconds
Table 42. Package Moisture Sensitivity Level (MSL), IPC/JEDEC J-STD-2
Package
MSL
28-pin SSOP
MSL 3
35-ball WLCSP
MSL 3
40-pin QFN
MSL 3
44-pin TQFP
MSL 3
48-pin TQFP
MSL 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com