Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # 4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4100 Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button 4100 Datasheet HTML 30Page - Cypress Semiconductor 4100 Datasheet HTML 31Page - Cypress Semiconductor 4100 Datasheet HTML 32Page - Cypress Semiconductor 4100 Datasheet HTML 33Page - Cypress Semiconductor 4100 Datasheet HTML 34Page - Cypress Semiconductor 4100 Datasheet HTML 35Page - Cypress Semiconductor 4100 Datasheet HTML 36Page - Cypress Semiconductor 4100 Datasheet HTML 37Page - Cypress Semiconductor 4100 Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Document Number: 001-87220 Rev. *J
Page 34 of 43
PSoC® 4: PSoC 4100 Family
Datasheet
Part Numbering Conventions
PSoC 4 devices follow the part numbering convention described in the following table. All fields are single-character alphanumeric (0,
1, 2, …, 9, A,B, …, Z) unless stated otherwise.
The part numbers are of the form CY8C4ABCDEF-XYZ where the fields are defined as follows.
The Field Values are listed in the following table.
Architecture
Cypress Prefix
Family within Architecture
Speed Grade
Flash Capacity
Package Code
Temperature Range
Attributes Set
4 : PSoC 4
2: 24 MHz
5: 32 KB
AX: TQFP
I : Industrial
Example
CY8C
4 A
E
D
C
BF
Y
X
-Z
1 : 4100Family
Field
Description
Values
Meaning
CY8C
Cypress Prefix
4
Architecture
4
PSoC 4
A
Family within architecture
1
4100 Family
2
4200 Family
B
CPU Speed
224 MHz
448 MHz
C
Flash Capacity
416 KB
532 KB
DE
Package Code
AX, AZ
TQFP
LQ
QFN
PV
SSOP
FN
WLCSP
F
Temperature Range
I
Industrial
Q
Extended Industrial
XYZ
Attributes Code
000-999
Code of feature set in specific family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com