Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # 4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4100 Datasheet(HTML) 1 Page - Cypress Semiconductor

  4100 Datasheet HTML 1Page - Cypress Semiconductor 4100 Datasheet HTML 2Page - Cypress Semiconductor 4100 Datasheet HTML 3Page - Cypress Semiconductor 4100 Datasheet HTML 4Page - Cypress Semiconductor 4100 Datasheet HTML 5Page - Cypress Semiconductor 4100 Datasheet HTML 6Page - Cypress Semiconductor 4100 Datasheet HTML 7Page - Cypress Semiconductor 4100 Datasheet HTML 8Page - Cypress Semiconductor 4100 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
PSoC® 4: PSoC 4100 Family
Datasheet
Programmable System-on-Chip (PSoC®)
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 001-87220 Rev. *J
Revised July 10, 2017
General Description
PSoC® 4 is a scalable and reconfigurable platform architecture for a family of mixed-signal programmable embedded system
controllers with an ARM® Cortex™-M0 CPU. It combines programmable and reconfigurable analog and digital blocks with flexible
automatic routing. The PSoC 4100 product family, based on this platform, is a combination of a microcontroller with digital program-
mable logic, high-performance analog-to-digital conversion, opamps with Comparator mode, and standard communication and timing
peripherals. The PSoC 4100 products will be fully upward compatible with members of the PSoC 4 platform for new applications and
design needs. The programmable analog and digital sub-systems allow flexibility and in-field tuning of the design.
Features
32-bit MCU Sub-system
■ 24-MHz ARM Cortex-M0 CPU with single-cycle multiply
■ Up to 32 kB of flash with Read Accelerator
■ Up to 4 kB of SRAM
Programmable Analog
■ Two opamps with reconfigurable high-drive external and
high-bandwidth internal drive and Comparator modes and ADC
input buffering capability
■ 12-bit 806 ksps SAR ADC with differential and single-ended
modes and Channel Sequencer with signal averaging
■ Two current DACs (IDACs) for general-purpose or capacitive
sensing applications on any pin
■ Two low-power comparators that operate in Deep Sleep
Low Power 1.71-V to 5.5-V operation
■ 20-nA Stop Mode with GPIO pin wakeup
■ Hibernate and Deep Sleep modes allow wakeup-time versus
power trade-offs
Capacitive Sensing
■ Cypress CapSense Sigma-Delta (CSD) provides best-in-class
SNR (>5:1) and water tolerance
■ Cypress supplied software component makes capacitive
sensing design easy
■ Automatic hardware tuning (SmartSense™)
Segment LCD Drive
■ LCD drive supported on all pins (common or segment)
■ Operates in Deep Sleep mode with 4 bits per pin memory
Serial Communication
■ Two independent run-time reconfigurable serial communi-
cation blocks (SCBs) with reconfigurable I2C, SPI, or UART
functionality
Timing and Pulse-Width Modulation
■ Four 16-bit timer/counter pulse-width modulator (TCPWM)
blocks
■ Center-aligned, Edge, and Pseudo-random modes
■ Comparator-based triggering of Kill signals for motor drive and
other high reliability digital logic applications
Up to 36 Programmable GPIOs
■ Any GPIO pin can be CapSense, LCD, analog, or digital
■ Drive modes, strengths, and slew rates are programmable
Five different packages
■ 48-pin TQFP, 44-pin TQFP, 40-pin QFN, 35-ball WLCSP, and
28-pin SSOP package
■ 35-ball WLCSP package is shipped with I2C Bootloader in
Flash
Extended Industrial Temperature Operation
■ –40 °C to + 105 °C operation
PSoC Creator Design Environment
■ Integrated Development Environment provides schematic
design entry and build (with analog and digital automatic
routing)
■ Applications Programming Interface (API Component) for all
fixed-function and programmable peripherals
Industry Standard Tool Compatibility
■ After schematic entry, development can be done with
ARM-based industry-standard development tools


Similar Part No. - 4100

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
4100 CANDD-4100 Datasheet
172Kb / 1P
Toroidal Surface Mount Inductors
logo
Powerbox
4100 POWERBOX-4100 Datasheet
353Kb / 1P
10W - 33KV SINGLEOUTPUT DC / DC INDUSTRIAL
logo
Murata Power Solutions ...
4100 MURATA-PS-4100 Datasheet
186Kb / 2P
Toroidal Surface Mount Inductors
logo
3M Electronics
4100 3M-4100 Datasheet
31Kb / 8P
Single-Coated Foam Tapes
logo
Adafruit Industries
4100 ADAFRUIT-4100 Datasheet
1Mb / 2P
Small Alligator Clip Test Lead (set of 6)
2-8-19
More results

Similar Description - 4100

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
PSoC짰 Programmable System-on-Chip?
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
PSoC짰 Programmable System-on-Chip
CY8C32 CYPRESS-CY8C32_12 Datasheet
4Mb / 122P
Programmable System-on-Chip (PSoC짰)
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
PSoC짰 Programmable System-on-Chip?
CY8C34 CYPRESS-CY8C34_13 Datasheet
3Mb / 130P
Programmable System-on-Chip (PSoC짰)
CY8C56LP CYPRESS-CY8C56LP_13 Datasheet
3Mb / 120P
Programmable System-on-Chip (PSoC짰)
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com