Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # 4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4100 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button 4100 Datasheet HTML 24Page - Cypress Semiconductor 4100 Datasheet HTML 25Page - Cypress Semiconductor 4100 Datasheet HTML 26Page - Cypress Semiconductor 4100 Datasheet HTML 27Page - Cypress Semiconductor 4100 Datasheet HTML 28Page - Cypress Semiconductor 4100 Datasheet HTML 29Page - Cypress Semiconductor 4100 Datasheet HTML 30Page - Cypress Semiconductor 4100 Datasheet HTML 31Page - Cypress Semiconductor 4100 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Document Number: 001-87220 Rev. *J
Page 28 of 43
PSoC® 4: PSoC 4100 Family
Datasheet
SPI Specifications
Table 19. LCD Direct Drive AC Specifications (Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID159
FLCD
LCD frame rate
10
50
150
Hz
Table 20. Fixed UART DC Specifications (Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID160
IUART1
Block current consumption at 100 Kbps
–
–
55
µA
SID161
IUART2
Block current consumption at 1000 Kbps
–
–
312
µA
Table 21. Fixed UART AC Specifications (Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID162
FUART
Bit rate
–
–
1
Mbps
Table 22. Fixed SPI DC Specifications (Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID163
ISPI1
Block current consumption at 1 Mbps
–
–
360
µA
SID164
ISPI2
Block current consumption at 4 Mbps
–
–
560
µA
SID165
ISPI3
Block current consumption at 8 Mbps
–
–
600
µA
Table 23. Fixed SPI AC Specifications (Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID166
FSPI
SPI operating frequency (master; 6X
oversampling)
––
4
MHz
Table 24. Fixed SPI Master Mode AC Specifications (Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID167
TDMO
MOSI valid after Sclock driving edge
–
–
15
ns
SID168
TDSI
MISO valid before Sclock capturing
edge. Full clock, late MISO Sampling
used
20
–
–
ns
SID169
THMO
Previous MOSI data hold time with
respect to capturing edge at Slave
0–
–
ns
Table 25. Fixed SPI Slave Mode AC Specifications (Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID170
TDMI
MOSI valid before Sclock capturing edge
40
–
–
ns
SID171
TDSO
MISO valid after Sclock driving edge
–
–
42 + 3 ×
Tscbclk
ns
SID171A
TDSO_ext
MISO valid after Sclock driving edge in
Ext. Clock mode
–
–
48
ns
SID172
THSO
Previous MISO data hold time
0
–
–
ns
SID172A
TSSELSCK
SSEL Valid to first SCK Valid edge
100
–
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com