Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # 4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4100 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button 4100 Datasheet HTML 5Page - Cypress Semiconductor 4100 Datasheet HTML 6Page - Cypress Semiconductor 4100 Datasheet HTML 7Page - Cypress Semiconductor 4100 Datasheet HTML 8Page - Cypress Semiconductor 4100 Datasheet HTML 9Page - Cypress Semiconductor 4100 Datasheet HTML 10Page - Cypress Semiconductor 4100 Datasheet HTML 11Page - Cypress Semiconductor 4100 Datasheet HTML 12Page - Cypress Semiconductor 4100 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
Document Number: 001-87220 Rev. *J
Page 9 of 43
PSoC® 4: PSoC 4100 Family
Datasheet
Pinouts
The following is the pin-list for PSoC 4100 (44-TQFP, 40-QFN, 28-SSOP, and 48-TQFP). Port 2 comprises of the high-speed Analog inputs for the SAR Mux. P1.7 is the
optional external input and bypass for the SAR reference. Ports 3 and 4 contain the Digital Communication channels. All pins support CSD CapSense and analog mux bus
connections.
44-TQFP
40-QFN
28-SSOP
48-TQFP
Alternate Functions for Pins
Pin Description
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Analog
Alt 1
Alt 2
Alt 3
Alt 4
1VSS
–
–
–
–
–
–
–
–
–
–
–
Ground
2
P2.0
1
P2.0
–
–
2
P2.0
sarmux.0
–
–
–
–
Port 2 Pin 0: gpio, lcd, csd, sarmux
3
P2.1
2
P2.1
–
–
3
P2.1
sarmux.1
–
–
–
–
Port 2 Pin 1: gpio, lcd, csd, sarmux
4
P2.2
3
P2.2
5
P2.2
4
P2.2
sarmux.2
–
–
–
–
Port 2 Pin 2: gpio, lcd, csd, sarmux
5
P2.3
4
P2.3
6
P2.3
5
P2.3
sarmux.3
–
–
–
–
Port 2 Pin 3: gpio, lcd, csd, sarmux
6
P2.4
5
P2.4
7
P2.4
6
P2.4
sarmux.4
tcpwm0_p[1]
–
–
–
Port 2 Pin 4: gpio, lcd, csd, sarmux, pwm
7
P2.5
6
P2.5
8
P2.5
7
P2.5
sarmux.5
tcpwm0_n[1]
–
–
–
Port 2 Pin 5: gpio, lcd, csd, sarmux, pwm
8
P2.6
7
P2.6
9
P2.6
8
P2.6
sarmux.6
tcpwm1_p[1]
–
–
–
Port 2 Pin 6: gpio, lcd, csd, sarmux, pwm
9
P2.7
8
P2.7
10
P2.7
9
P2.7
sarmux.7
tcpwm1_n[1]
–
–
–
Port 2 Pin 7: gpio, lcd, csd, sarmux, pwm
10
VSS
9
VSS
–
–
–
–
–
–
–
–
–
Ground
––
–
–
–
–
10
NC
–
–
–
–
–
No Connect
––
–
–
–
–
11
NC
–
–
–
–
–
No Connect
11
P3.0
10
P3.0
11
P3.0
12
P3.0
–
tcpwm0_p[0]
scb1_uart_rx[0]
scb1_i2c_scl[0]
scb1_spi_mosi[0]
Port 3 Pin 0: gpio, lcd, csd, pwm, scb1
12
P3.1
11
P3.1
12
P3.1
13
P3.1
–
tcpwm0_n[0]
scb1_uart_tx[0]
scb1_i2c_sda[0]
scb1_spi_miso[0]
Port 3 Pin 1: gpio, lcd, csd, pwm, scb1
13
P3.2
12
P3.2
13
P3.2
14
P3.2
–
tcpwm1_p[0]
–
swd_io[0]
scb1_spi_clk[0]
Port 3 Pin 2: gpio, lcd, csd, pwm, scb1,
swd
–
–
–
–
–
–
15
VSSD
–
–
–
–
–
Ground
14
P3.3
13
P3.3
14
P3.3
16
P3.3
–
tcpwm1_n[0]
–
swd_clk[0]
scb1_spi_ssel_0[0] Port 3 Pin 3: gpio, lcd, csd, pwm, scb1,
swd
15
P3.4
14
P3.4
–
–
17
P3.4
–
tcpwm2_p[0]
–
–
scb1_spi_ssel_1
Port 3 Pin 4: gpio, lcd, csd, pwm, scb1
16
P3.5
15
P3.5
–
–
18
P3.5
–
tcpwm2_n[0]
–
–
scb1_spi_ssel_2
Port 3 Pin 5: gpio, lcd, csd, pwm, scb1
17
P3.6
16
P3.6
–
–
19
P3.6
–
tcpwm3_p[0]
–
–
scb1_spi_ssel_3
Port 3 Pin 6: gpio, lcd, csd, pwm, scb1
18
P3.7
17
P3.7
–
–
20
P3.7
–
tcpwm3_n[0]
–
–
–
Port 3 Pin 7: gpio, lcd, csd, pwm
19
VDDD
–
–
–
–
21
VDDD
–
–
–
–
–
Digital Supply, 1.8 - 5.5V
20
P4.0
18
P4.0
15
P4.0
22
P4.0
–
–
scb0_uart_rx
scb0_i2c_scl
scb0_spi_mosi
Port 4 Pin 0: gpio, lcd, csd, scb0
21
P4.1
19
P4.1
16
P4.1
23
P4.1
–
–
scb0_uart_tx
scb0_i2c_sda
scb0_spi_miso
Port 4 Pin 1: gpio, lcd, csd, scb0
22
P4.2
20
P4.2
17
P4.2
24
P4.2
csd_c_mod
–
–
–
scb0_spi_clk
Port 4 Pin 2: gpio, lcd, csd, scb0
23
P4.3
21
P4.3
18
P4.3
25
P4.3
csd_c_sh_tank
–
–
–
scb0_spi_ssel_0
Port 4 Pin 3: gpio, lcd, csd, scb0
––
–
–
–
–
26
NC
–
–
–
–
–
No Connect
––
–
–
–
–
27
NC
–
–
–
–
–
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com