Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # 4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4100 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button 4100 Datasheet HTML 4Page - Cypress Semiconductor 4100 Datasheet HTML 5Page - Cypress Semiconductor 4100 Datasheet HTML 6Page - Cypress Semiconductor 4100 Datasheet HTML 7Page - Cypress Semiconductor 4100 Datasheet HTML 8Page - Cypress Semiconductor 4100 Datasheet HTML 9Page - Cypress Semiconductor 4100 Datasheet HTML 10Page - Cypress Semiconductor 4100 Datasheet HTML 11Page - Cypress Semiconductor 4100 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Document Number: 001-87220 Rev. *J
Page 8 of 43
PSoC® 4: PSoC 4100 Family
Datasheet
GPIO
PSoC 4100 has 36 GPIOs. The GPIO block implements the
following:
■ Eight drive strength modes:
❐ Analog input mode (input and output buffers disabled)
❐ Input only
❐ Weak pull-up with strong pull-down
❐ Strong pull-up with weak pull-down
❐ Open drain with strong pull-down
❐ Open drain with strong pull-up
❐ Strong pull-up with strong pull-down
❐ Weak pull-up with weak pull-down
■ Input threshold select (CMOS or LVTTL).
■ Individual control of input and output buffer enabling/disabling
in addition to the drive strength modes.
■ Hold mode for latching previous state (used for retaining I/O
state in Deep Sleep mode and Hibernate modes).
■ Selectable slew rates for dV/dt related noise control to improve
EMI.
The pins are organized in logical entities called ports, which are
8-bit in width. During power-on and reset, the blocks are forced
to the disable state so as not to crowbar any inputs and/or cause
excess turn-on current. A multiplexing network known as a
high-speed I/O matrix is used to multiplex between various
signals that may connect to an I/O pin. Pin locations for
fixed-function peripherals are also fixed to reduce internal multi-
plexing complexity.
Data output and pin state registers store, respectively, the values
to be driven on the pins and the states of the pins themselves.
Every I/O pin can generate an interrupt if so enabled and each
I/O port has an interrupt request (IRQ) and interrupt service
routine (ISR) vector associated with it (5 for PSoC 4100 since it
has 4.5 ports).
Special Function Peripherals
LCD Segment Drive
PSoC 4100 has an LCD controller which can drive up to four
commons and up to 32 segments. It uses full digital methods to
drive the LCD segments requiring no generation of internal LCD
voltages. The two methods used are referred to as digital corre-
lation and PWM.
Digital correlation pertains to modulating the frequency and
levels of the common and segment signals to generate the
highest RMS voltage across a segment to light it up or to keep
the RMS signal zero. This method is good for STN displays but
may result in reduced contrast with TN (cheaper) displays.
PWM pertains to driving the panel with PWM signals to effec-
tively use the capacitance of the panel to provide the integration
of the modulated pulse-width to generate the desired LCD
voltage. This method results in higher power consumption but
can result in better results when driving TN displays. LCD
operation is supported during Deep Sleep refreshing a small
display buffer (4 bits; 1 32-bit register per port).
CapSense
CapSense is supported on all pins in the PSoC 4100 through a
CapSense Sigma-Delta (CSD) block that can be connected to
any pin through an analog mux bus that any GPIO pin can be
connected to via an Analog switch. CapSense function can thus
be provided on any pin or group of pins in a system under
software control. A component is provided for the CapSense
block to make it easy for the user.
Shield voltage can be driven on another mux bus to provide
water tolerance capability. Water tolerance is provided by driving
the shield electrode in phase with the sense electrode to keep
the shield capacitance from attenuating the sensed input.
The CapSense block has two IDACs which can be used for
general purposes if CapSense is not being used.(both IDACs are
available in that case) or if CapSense is used without water
tolerance (one IDAC is available).
WLCSP Package Bootloader
The WLCSP package is supplied with an I2C Bootloader
installed in flash. The bootloader is compatible with PSoC
Creator bootloadable project files and has the following default
settings:
■ I2C SCL and SDA connected to port pins P4.0 and P4.1 respec-
tively (external pull-up resistors required)
■ I2C Slave mode, address 8, data rate = 100 kbps
■ Single application
■ Wait two seconds for bootload command
■ Other bootloader options are as set by the PSoC Creator
Bootloader Component default
■ Occupies the bottom 4.5 K of flash
For more information on this bootloader, see the following
Cypress application notes:
AN73854 - Introduction to Bootloaders
Note that a PSoC Creator bootloadable project must be
associated with .hex and .elf files for a bootloader project that is
configured for the target device. Bootloader .hex and .elf files can
be found at http://www.cypress.com/?rID=78805. The
factory-installed bootloader can be overwritten using JTAG or
SWD programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com