Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # 4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4100 Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button 4100 Datasheet HTML 14Page - Cypress Semiconductor 4100 Datasheet HTML 15Page - Cypress Semiconductor 4100 Datasheet HTML 16Page - Cypress Semiconductor 4100 Datasheet HTML 17Page - Cypress Semiconductor 4100 Datasheet HTML 18Page - Cypress Semiconductor 4100 Datasheet HTML 19Page - Cypress Semiconductor 4100 Datasheet HTML 20Page - Cypress Semiconductor 4100 Datasheet HTML 21Page - Cypress Semiconductor 4100 Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Document Number: 001-87220 Rev. *J
Page 18 of 43
PSoC® 4: PSoC 4100 Family
Datasheet
Electrical Specifications
Absolute Maximum Ratings
Device-Level Specifications
All specifications are valid for -40 °C
 TA  105 °C and TJ  125 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted.
Note
1. Usage above the absolute maximum conditions listed in Table 1 may cause permanent damage to the device. Exposure to absolute maximum conditions for extended
periods of time may affect device reliability. The maximum storage temperature is 150 °C in compliance with JEDEC Standard JESD22-A103, High Temperature
Storage Life. When used below absolute maximum conditions but above normal operating conditions, the device may not operate to specification.
Table 1. Absolute Maximum Ratings[1]
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID1
VDDD_ABS
Digital supply relative to VSSD
–0.5
–
6
V
Absolute max
SID2
VCCD_ABS
Direct digital core voltage input relative
to Vssd
–0.5
–
1.95
V
Absolute max
SID3
VGPIO_ABS
GPIO voltage
–0.5
–
VDD+0.5
V
Absolute max
SID4
IGPIO_ABS
Maximum current per GPIO
–25
–
25
mA
Absolute max
SID5
IGPIO_injection
GPIO injection current, Max for VIH >
VDDD, and Min for VIL < VSS
–0.5
–
0.5
mA
Absolute max, current
injected per pin
BID44
ESD_HBM
Electrostatic discharge human body
model
2200
–
–
V
BID45
ESD_CDM
Electrostatic discharge charged
device model
500
–
–
V
BID46
LU
Pin current for latch-up
–200
–
200
mA
Table 2. DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID53
VDD
Power Supply Input Voltage (VDDA =
VDDD = VDD)
1.8
–
5.5
V
With regulator enabled
SID255
VDDD
Power Supply Input Voltage unregu-
lated
1.71
1.8
1.89
V
Internally unregulated
Supply
SID54
VCCD
Output voltage (for core logic)
–
1.8
–
V
SID55
CEFC
External Regulator voltage bypass
1
1.3
1.6
µF
X5R ceramic or better
SID56
CEXC
Power supply decoupling capacitor
–
1
–
µF
X5R ceramic or better
Active Mode, VDD = 1.71 V to 5.5 V. Typical Values measured at VDD = 3.3 V
SID9
IDD4
Execute from Flash; CPU at 6 MHz
–
–
2.8
mA
SID10
IDD5
Execute from Flash; CPU at 6 MHz
–
2.2
–
mA
T = 25 °C
SID12
IDD7
Execute from Flash; CPU at 12 MHz,
–
–
4.2
mA
SID13
IDD8
Execute from Flash; CPU at 12 MHz
–
3.7
–
mA
T = 25 °C
SID16
IDD11
Execute from Flash; CPU at 24 MHz
–
6.7
–
mA
T = 25 °C
SID17
IDD12
Execute from Flash; CPU at 24 MHz
–
–
7.2
mA
Sleep Mode, VDD = 1.7V to 5.5V
SID25
IDD20
I2C wakeup, WDT, and Comparators
on. 6 MHz.
–1.3
1.8
mA
VDD = 1.71 to 5.5 V
SID25A
IDD20A
I2C wakeup, WDT, and Comparators
on. 12 MHz.
–1.7
2.2
mA
VDD = 1.71 to 5.5 V
Deep Sleep Mode, VDD = 1.8 V to 3.6 V (Regulator on)
SID31
IDD26
I2C wakeup and WDT on.
–
1.3
–
µA
T = 25 °C
SID32
IDD27
I2C wakeup and WDT on.
–
–
45
µA
T = 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com