Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # 4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4100 Datasheet(HTML) 5 Page - Cypress Semiconductor

  4100 Datasheet HTML 1Page - Cypress Semiconductor 4100 Datasheet HTML 2Page - Cypress Semiconductor 4100 Datasheet HTML 3Page - Cypress Semiconductor 4100 Datasheet HTML 4Page - Cypress Semiconductor 4100 Datasheet HTML 5Page - Cypress Semiconductor 4100 Datasheet HTML 6Page - Cypress Semiconductor 4100 Datasheet HTML 7Page - Cypress Semiconductor 4100 Datasheet HTML 8Page - Cypress Semiconductor 4100 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Document Number: 001-87220 Rev. *J
Page 5 of 43
PSoC® 4: PSoC 4100 Family
Datasheet
Functional Definition
CPU and Memory Subsystem
CPU
The Cortex-M0 CPU in PSoC 4100 is part of the 32-bit MCU
subsystem, which is optimized for low power operation with
extensive clock gating. It mostly uses 16-bit instructions and
executes a subset of the Thumb-2 instruction set. This enables
fully compatible binary upward migration of the code to higher
performance processors such as the Cortex-M3 and M4, thus
enabling upward compatibility. The Cypress implementation
includes a hardware multiplier that provides a 32-bit result in one
cycle. It includes a nested vectored interrupt controller (NVIC)
block with 32 interrupt inputs and also includes a Wakeup
Interrupt Controller (WIC), which can wake the processor up
from Deep Sleep mode allowing power to be switched off to the
main processor when the chip is in Deep Sleep mode. The
Cortex-M0 CPU provides a Non-Maskable Interrupt input (NMI),
which is made available to the user when it is not in use for
system functions requested by the user.
The CPU also includes a debug interface, the serial wire debug
(SWD) interface, which is a two-wire form of JTAG; the debug
configuration used for PSoC 4100 has four break-point
(address) comparators and two watchpoint (data) comparators.
Flash
PSoC 4100 has a flash module with a flash accelerator tightly
coupled to the CPU to improve average access times from the
flash block. The flash block is designed to deliver 0 wait-state
(WS) access time at 24 MHz. Part of the flash module can be
used to emulate EEPROM operation if required.
The PSoC 4200 Flash supports the following flash protection
modes at the memory subsystem level:
■ Open: No Protection. Factory default mode in which the
product is shipped.
■ Protected: User may change from Open to Protected. This
mode disables Debug interface accesses. The mode can be
set back to Open but only after completely erasing the Flash.
■ Kill: User may change from Open to Kill. This mode disables
all Debug accesses. The part cannot be erased externally, thus
obviating the possibility of partial erasure by power interruption
and potential malfunction and security leaks. This is an irrecvo-
cable mode.
In addition, row-level Read/Write protection is also supported to
prevent inadvertent Writes as well as selectively block Reads.
Flash Read/Write/Erase operations are always available for
internal code using system calls.
SRAM
SRAM memory is retained during Hibernate.
SROM
A supervisory ROM that contains boot and configuration routines
is provided.
System Resources
Power System
The power system is described in detail in the section Power on
page 15. It provides assurance that voltage levels are as
required for each respective mode and either delay mode entry
(on power-on reset (POR), for example) until voltage levels are
as required for proper function or generate resets (brown-out
detect (BOD)) or interrupts (low-voltage detect (LVD)). The
PSoC 4100 operates with a single external supply over the range
of 1.71 V to 5.5 V and has five different power modes, transitions
between which are managed by the power system. PSoC 4100
provides Sleep, Deep Sleep, Hibernate, and Stop low-power
modes.
Clock System
The PSoC 4100 clock system is responsible for providing clocks
to all subsystems that require clocks and for switching between
different clock sources without glitching. In addition, the clock
system ensures that no metastable conditions occur.
The clock system for PSoC 4100 consists of the internal main
oscillator (IMO) and the internal low-power oscillator (ILO) and
provision for an external clock.
Figure 3. PSoC 4100 MCU Clocking Architecture
The HFCLK signal can be divided down (see PSoC 4100 MCU
Clocking Architecture) to generate synchronous clocks for the
analog and digital peripherals. There are a total of 12 clock
dividers for PSoC 4100, each with 16-bit divide capability. The
analog clock leads the digital clocks to allow analog events to
occur before digital clock-related noise is generated. The 16-bit
capability allows a lot of flexibility in generating fine-grained
frequency values and is fully supported in PSoC Creator.
Analog
Divider
Peripheral
Dividers
SYSCLK
Prescaler
HFCLK
SAR clock
PERXYZ_CLK
IMO
ILO
HFCLK
LFCLK
EXTCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com