Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7615 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 5 Page - Cirrus Logic

  CS7615 Datasheet HTML 1Page - Cirrus Logic CS7615 Datasheet HTML 2Page - Cirrus Logic CS7615 Datasheet HTML 3Page - Cirrus Logic CS7615 Datasheet HTML 4Page - Cirrus Logic CS7615 Datasheet HTML 5Page - Cirrus Logic CS7615 Datasheet HTML 6Page - Cirrus Logic CS7615 Datasheet HTML 7Page - Cirrus Logic CS7615 Datasheet HTML 8Page - Cirrus Logic CS7615 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
CS7615
DS231PP6
5
SWITCHING CHARACTERISTICS: (T
A=25°C; VSS=VDD=5V; Output Load=30pF )
RECOMMENDED OPERATING CHARACTERISTICS:
ABSOLUTE MAXIMUM RATINGS:
Specifications are subject to change without notice.
Parameter
Symbol
Min
Typ
Max
Units
Crystal Frequency Range
fCRY
6.75
27
MHz
Crystal Oscillator Duty Cycle
40
60
%
CLKO Frequency
fpix
6.75
13.5
MHz
CLK2XO Frequency
fdat
13.5
27
MHz
CLKO duty cycle
50
%
CLK2XO duty cycle
50
%
CLK2XO falling edge to CLKO falling edge
4
8
ns
FR Clock (CCD reset gate clock) Duty Cycle
25
%
H1 Clock Duty Cycle
50
%
H2 Clock Duty Cycle
50
%
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
VAA, VDD
4.5
5.0
5.5
V
GNDA to GNDD Voltage Differential
10
mV
Crystal Frequency Range
6.75
27
MHz
Analog Input AC Range (Figure 2)
VAC
01.65
V
Analog Input DC Offset (Figure 2)
VDC
12
V
Analog Input Voltage (Figure 2)
AIN
018
V
Parameter
Symbol
Min
Max
Units
Power Supply Voltage
VAA, VDD
-0.3
7.0
V
Digital Input Voltage
GNDD-0.3
(VDD)+0.3
V
Analog Input Voltage - AIN only
AIN
GNDA-(0.3)
20
V
Input Current
(except supply pins)
10
mA
Ambient Temperature Range
-0
+70
°C
Lead Solder Temperature (10sec duration)
+260
°C
Storage Temperature Range
-65
+150
°C
GND
VAIN
VDC
VAC
Feedthrough
Level
Figure 2. Analog Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com