Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7615 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS7615 Datasheet HTML 24Page - Cirrus Logic CS7615 Datasheet HTML 25Page - Cirrus Logic CS7615 Datasheet HTML 26Page - Cirrus Logic CS7615 Datasheet HTML 27Page - Cirrus Logic CS7615 Datasheet HTML 28Page - Cirrus Logic CS7615 Datasheet HTML 29Page - Cirrus Logic CS7615 Datasheet HTML 30Page - Cirrus Logic CS7615 Datasheet HTML 31Page - Cirrus Logic CS7615 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
CS7615
28
DS231PP6
Timing Control - H1X Registers (5Fh-61h)
5Fh:
60h:
61h:
Charge read out timing for VH1X in number of pixels.
VH1F
From HREF to leading edge of VH1X. Default is 18Fh.
VH1R
From HREF to trailing edge of VH1X. Default is 1ADh.
Timing Control - VH1X Registers (62h-64h)
62h:
63h:
64h:
Charge read out timing for VH3X in number of pixels.
VH3F
From HREF to leading edge of VH3X. Default is 1B7h.
VH3R
From HREF to trailing edge of VH3X. Default is 1D5h.
76
54
32
10
VH1F9
VH1F8
VH1F7
VH1F6
VH1F5
VH1F4
VH1F3
VH1F2
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76
54
32
10
VH1R9
VH1R8
VH1R7
VH1R6
VH1R5
VH1R4
VH1R3
VH1R2
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76
54
32
10
res
res
res
res
VH1R1
VH1R0
VH1F1
VH1F0
rr
rr
r/w
r/w
r/w
r/w
76
54
32
10
VH3F9
VH3F8
VH3F7
VH3F6
VH3F5
VH3F4
VH3F3
VH3F2
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76
54
32
10
VH3R9
VH3R8
VH3R7
VH3R6
VH3R5
VH3R4
VH3R3
VH3R2
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76
54
32
10
res
res
res
res
VH3R1
VH3R0
VH3F1
VH3F0
rr
rr
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com