Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7615 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS7615 Datasheet HTML 16Page - Cirrus Logic CS7615 Datasheet HTML 17Page - Cirrus Logic CS7615 Datasheet HTML 18Page - Cirrus Logic CS7615 Datasheet HTML 19Page - Cirrus Logic CS7615 Datasheet HTML 20Page - Cirrus Logic CS7615 Datasheet HTML 21Page - Cirrus Logic CS7615 Datasheet HTML 22Page - Cirrus Logic CS7615 Datasheet HTML 23Page - Cirrus Logic CS7615 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
CS7615
20
DS231PP6
VRST Registers (2Eh, 2Fh)
2Eh:
2Fh:
These parameters are needed only when the VRST input is used.
VRSTN
The line number gets reset to this value on a negative edge of VRST. Default is 004h.
VRSTDY
Logic high denotes VRST will be delayed with respect to the line position. Default = 0 (no delay).
VRSTFLD
Logic high denotes the field is reset to even on a negative edge of VRST, logic low denotes the
field is reset to odd. Default = 0.
Maximum Shutter Exposure Register (30h)
MXSH
If the user chooses to limit the exposure time, the max shutter gain is set to this value. 00h=full
exposure, BFh=min exposure for NTSC, C4h= min exposure for PAL.
Operational Control #2 Register (31h)
BLKDIS
Logic high disables the black level loop. Black level remains at the current value. Default =0.
ADCAL1
Analog-to-digital converter option. When written to a logic high, calibration is immediately en-
tered. This bit goes back low when calibration is complete.
ADCAL2
Analog-to-digital converter option. Logic high results in calibration being done after every frame,
logic low results in calibration only on power up. Default = 0.
CNVFST
Logic high sets the frequency of HCLK to 16×the line frequency, logic low sets HCLK to 1×the
line frequency. Default = 0.
76
54
32
10
VRSTN8
VRSTN7
VRSTN6
VRSTN5
VRSTN4
VRSTN3
VRSTN2
VRSTN1
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76
54
32
10
res
res
res
res
res
VRSTDY
VRSTFLD
VRSTN0
rr
rr
r
r/w
r/w
r/w
76
54
32
10
MSXH7
MSXH6
MSXH5
MSXH4
MSXH3
MSXH2
MSXH1
MSXH0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76
54
32
10
res
res
res
res
BLKDIS
ADCAL1
ADCAL2
CNVFST
rr
rr
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com