Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7615 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 4 Page - Cirrus Logic

  CS7615 Datasheet HTML 1Page - Cirrus Logic CS7615 Datasheet HTML 2Page - Cirrus Logic CS7615 Datasheet HTML 3Page - Cirrus Logic CS7615 Datasheet HTML 4Page - Cirrus Logic CS7615 Datasheet HTML 5Page - Cirrus Logic CS7615 Datasheet HTML 6Page - Cirrus Logic CS7615 Datasheet HTML 7Page - Cirrus Logic CS7615 Datasheet HTML 8Page - Cirrus Logic CS7615 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
CS7615
4
DS231PP6
CONTROL PORT CHARACTERISTICS: (T
A=25°C; VAA=VDD=5V; Output Load=30pF )
Parameter
Symbol
Min
Typ
Max
Units
SCL Clock Frequency
fSCL
-
-
100
kHz
Bus Free Time Between Transmissions
tbuf
4.7
-
-
µs
Start Condition Hold Time
thdst
4.0
-
-
µs
Clock Pulse Width
High
Low
thigh
tlow
4.0
4.7
--
µs
µs
Setup TIme for Repeat Start Condition
tsust
4.7
-
-
µs
SDAIN Hold Time from SCL Falling
thdd
0-
-
µs
SDAIN Setup Time from SCL Rising
tsud
0.25
-
-
µs
SDAIN and SCL Rise Time
tr
--
1.0
µs
SDAIN and SCL Fall Time
tf
--
0.3
µs
Setup Time for Stop Condition
tsusp
4.0
-
-
µs
t
buf
t
hdst
t hdst
t
low
t
r
t f
t
hdd
t high
t
sud
t
sust
t
susp
Stop
Start
Start
Stop
Repeated
SD A
S CL
Figure 1. I2C Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com