Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7615 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS7615 Datasheet HTML 13Page - Cirrus Logic CS7615 Datasheet HTML 14Page - Cirrus Logic CS7615 Datasheet HTML 15Page - Cirrus Logic CS7615 Datasheet HTML 16Page - Cirrus Logic CS7615 Datasheet HTML 17Page - Cirrus Logic CS7615 Datasheet HTML 18Page - Cirrus Logic CS7615 Datasheet HTML 19Page - Cirrus Logic CS7615 Datasheet HTML 20Page - Cirrus Logic CS7615 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
CS7615
DS231PP6
17
REGISTER DESCRIPTIONS
Software Reset Register (00h)
SR4
Setting bit SR4 to logic high will initiate a CS7615 software reset. Software reset resets all the
digital blocks except for I2C and the ADC calibration logic. The clocks remain running. This reset
bit automatically clears.
Low Power Register (20h)
PD4
Setting bit PD4 to logic high will place the CS7615 chip in a low power mode. The I2C interface
and clock generation circuitry will remain powered up.
Operational control #1 Register (24h)
PAL
Logic high indicates a PAL standard camera system, logic low indicates NTSC. Default = 0.
AGCW
Used to window the portion of the frame to use for AGC. Default = 00.
00 = use entire frame
01 = use center 1/4 area of frame
10 = use center 1/16 area of frame
11 = reserved
AGCDI
Logic high disables CS7615’s automatic gain control circuitry. User may manually control gain
through the gain register 25h/26h. Default = 0.
AGCALG
Controls data used in CS7615’s AGC loop. Logic high indicates mosaic data, logic low indicates
luma data. Default = 0.
CCDTYP
Logic high signifies that a Type B CCD is being used, logic low signifies a Type A CCD. Default
= 0.
FLCKLS
Logic high restricts shutter to flickerless settings. Default = 0.
PALENV
Logic high when the camera system is being used in a PAL environment, logic low in an NTSC
environment. Default = 0.
R/W
Read/Write
R
Read
WWrite
RES
Reserved
76543210
res
res
res
SR4
res
res
res
res
rrr
w
rrrr
76543210
res
res
res
PD4
res
res
res
res
rrr
r/w
rrrr
76543210
PAL
AGCW1
AGCW2
AGCDIS
AGCCALG
CCDTYP
FLCKLS
PALENV
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com