Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7615 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS7615 Datasheet HTML 15Page - Cirrus Logic CS7615 Datasheet HTML 16Page - Cirrus Logic CS7615 Datasheet HTML 17Page - Cirrus Logic CS7615 Datasheet HTML 18Page - Cirrus Logic CS7615 Datasheet HTML 19Page - Cirrus Logic CS7615 Datasheet HTML 20Page - Cirrus Logic CS7615 Datasheet HTML 21Page - Cirrus Logic CS7615 Datasheet HTML 22Page - Cirrus Logic CS7615 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
CS7615
DS231PP6
19
AGC Maximum Gain Register (2Ah)
MGN
Sets the maximum gain allowable if the user chooses to limit the chip gain beyond a certain
value. The range is 0-242, with the actual max gain word being twice this value. Default is F2h.
AGC Slew and Speed Register (2Bh)
SLEW
Sets the rate of decay of gain when the gain target is exceeded in the maximum intensity bin.
Default is 0h.
00 = -8
10 = -32
01 = -16
11 = -64
SPD
Varies the AGC loop gain. The error signal used for correction is multiplied by the speed num-
ber before being added to the accumulator. Default is 0h.
00 = 1x
10 = 4x
01 = 2x
11 = 8x
AGC Minimum Gain Register (2Ch)
MNGN
Sets the minimum gain allowable if the user chooses to limit the chip gain from a certain value.
Default is 00h.
CCD Signal Alignment Register (2Dh)
These signals adjust the edges of H1 or FR with respect to the internal sampling clock.
HR
Adjusts the location of the rising edge of H1.
HF
Adjusts the location of the falling edge of H1.
FRR
Adjusts the location of the rising edge of FR.
FRF
Adjusts the location of the falling edge of FR.
76543210
mgn7
mgn6
mgn5
mgn4
mgn3
mgn2
mgn1
mgn0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
res
res
res
res
slew1
slew0
spd1
spd0
rrrr
r/w
r/w
r/w
r/w
76543210
mng7
mng6
mng5
mng4
mng3
mng2
mng1
mng0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
HR1
HR0
HF1
HF0
FRR1
FRR0
FRF1
FRF0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com