Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7615 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 3 Page - Cirrus Logic

  CS7615 Datasheet HTML 1Page - Cirrus Logic CS7615 Datasheet HTML 2Page - Cirrus Logic CS7615 Datasheet HTML 3Page - Cirrus Logic CS7615 Datasheet HTML 4Page - Cirrus Logic CS7615 Datasheet HTML 5Page - Cirrus Logic CS7615 Datasheet HTML 6Page - Cirrus Logic CS7615 Datasheet HTML 7Page - Cirrus Logic CS7615 Datasheet HTML 8Page - Cirrus Logic CS7615 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
CS7615
DS231PP6
3
ANALOG CHARACTERISTICS: (T
A=25°C; VAA=VDD=5V; Output Load=30pF )
DIGITAL CHARACTERISTICS: (T
A=25° C; VAA=VDD=5V; Output Load=30pF )
POWER CONSUMPTION: (T
A=25° C; VAA=VDD=5V; Output Load=30pF )
Parameter
Symbol
Min
Typ
Max
Units
Dynamic Performance
Integral Non-Linearity
INL
-
1
-
LSB
Differential Non-Linearity
DNL
-
0.75
-
LSB
Analog Input
Analog Input Capacitance
CIN
-10-
pF
Automatic Gain Control
Maximum Gain
GMAX
-20-
dB
Minimum Gain
GMIN
-0
-
dB
Gain Increment
∆G
-
78.4
117.6
mdB
Parameter
Symbol
Min
Typ
Max
Units
Logic Inputs
High-Level Input Voltage
VIH
VDD-0.8
-
-
V
Low-Level Input Voltage
VIL
--
0.8
V
Input Leakage Current
IIN
--
10
mA
Logic Outputs
High-Level Output Source Current @ VOH = VDD-0.4V
IOH
--
1
mA
Low-Level Output Sink Current @ VOL = 0.4V
IOL
--
1
mA
3-State Leakage Current
IOZ
--
10
µA
Parameter
Symbol
Min
Typ
Max
Units
Power Dissipation
PD
-650
-
mW
Analog Power Supply Current
Normal Mode
Low-Power Mode
IAN
IALP
-
-
99
63
-
-
mA
mA
DIgital Power Supply Current
Normal Mode
Low-Power Mode
IDN
IDLP
-
-
55
22
-
-
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com