Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7615 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS7615 Datasheet HTML 2Page - Cirrus Logic CS7615 Datasheet HTML 3Page - Cirrus Logic CS7615 Datasheet HTML 4Page - Cirrus Logic CS7615 Datasheet HTML 5Page - Cirrus Logic CS7615 Datasheet HTML 6Page - Cirrus Logic CS7615 Datasheet HTML 7Page - Cirrus Logic CS7615 Datasheet HTML 8Page - Cirrus Logic CS7615 Datasheet HTML 9Page - Cirrus Logic CS7615 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CS7615
6
DS231PP6
GENERAL DESCRIPTION
Overview
The CS7615 performs the analog functions in a
four chip digital CCD Camera. The four main chips
include the CCD imager, the CS7615 CCD digitiz-
er, the CS7665 or CS7666 color space processor,
and a vertical drive interface-chip for the CCD im-
ager. Several CCD imagers (and their associated
vertical drivers) can be used with the CS7615 digi-
tizer and the CS7665 or CS7666 processor to form
a simple and cost-effective YCrCb output format
digital camera. The block diagram in Figure 3 illus-
trates the system interconnect.
Interfacing the CS7615 with CS7665 or
CS7666
The CS7666 is a direct replacement for the
CS7665. No board or software changes are needed
for existing designs. However, slight changes to
existing hardware and software are necessary to
take advantage of the CS7666. See Figure 4 and 5
and the CS7666 data sheet for more details.
Operation
The CS7615 digitizer is designed to provide all
necessary analog functions and conversion to digi-
tal data of a standard CCD imager output signal as
well as provide all the timing and control signals
for the CCD imager. The architecture includes a
correlated double sampler, variable gain amplifier
with an integrated AGC loop, black level clamp,
10-bit A/D converter, output formatter, and a com-
plete multi-sync CCD timing generator. The output
of the A/D converter ranges from code 004h to
code 3FBh and the formatter adds special end-of-
active-video
(EAV)
and
start-of-active-video
(SAV) codes to each line, making the output of the
CS7615 similar to the description in the ITU-656
recommendation.
CCD
CDS/ADC
IMAGE
PROCESSOR
TIMING
I C
2
I C
2
2
7
9
+5 V
+8 V TO +12 V
DC-DC
CONVERTER
CS7615
CS7665 or CS7666
4:2:2, H.656 VIDEO
I C BUS
2
VERTICAL
DRIVE
512x480
CS4952 or
CS4954
Figure 3. Typical 4-Chip Digital CCD Camera
XTAL
32
33
CS7615
39
4
56
55
CS7665
CLK2x0 CLOCK
CLK0
10-BIT DATA
Figure 4. CS7615/CS7665 Interface
XTAL
33
32 XTALIN
CS7615
39
4
56
52
CS7666
NC
CLK0
10-BIT DATA
55 CLKIN
NC
CCLOKG
Figure 5. CS7615/CS7666 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com