Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7615 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS7615 Datasheet HTML 17Page - Cirrus Logic CS7615 Datasheet HTML 18Page - Cirrus Logic CS7615 Datasheet HTML 19Page - Cirrus Logic CS7615 Datasheet HTML 20Page - Cirrus Logic CS7615 Datasheet HTML 21Page - Cirrus Logic CS7615 Datasheet HTML 22Page - Cirrus Logic CS7615 Datasheet HTML 23Page - Cirrus Logic CS7615 Datasheet HTML 24Page - Cirrus Logic CS7615 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
CS7615
DS231PP6
21
Timing Control- Line Number Registers (33h-39h)
33h:
34h:
35h:
36h:
37h:
38h:
39h:
VLO
The number of lines in an odd field. Default is 106h.
VLE
The number of lines in an even field. Default is 107h.
VBE
Line number for end of VREF for even field. Default is 013h.
VBO
Line number for end of VREF for odd field. Default is 012h.
XSE
Line number for charge transfer for even field. Default is 011h.
XSO
Line number for charge transfer for odd field. Default is 010h.
76543210
VLO8
VLO7
VLO6
VLO5
VLO4
VLO3
VLO2
VLO1
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
VLE8
VLE7
VLE6
VLE5
VLE4
VLE3
VLE2
VLE1
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
VBE8
VBE7
VBE6
VBE5
VBE4
VBE3
VBE2
VBE1
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
VBO8
VBO7
VBO6
VBO5
VBO4
VBO3
VBO2
VBO1
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
XSE8
XSE7
XSE6
XSE5
XSE4
XSE3
XSE2
XSE1
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
XSO8
XSO7
XSO6
XSO5
XSO4
XSO3
XSO2
XSO1
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
res
res
VLO0
VLE0
VBE0
VBO0
XSE0
XSO0
r
r
r/w
r/w
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com