Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7615 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS7615 Datasheet HTML 21Page - Cirrus Logic CS7615 Datasheet HTML 22Page - Cirrus Logic CS7615 Datasheet HTML 23Page - Cirrus Logic CS7615 Datasheet HTML 24Page - Cirrus Logic CS7615 Datasheet HTML 25Page - Cirrus Logic CS7615 Datasheet HTML 26Page - Cirrus Logic CS7615 Datasheet HTML 27Page - Cirrus Logic CS7615 Datasheet HTML 28Page - Cirrus Logic CS7615 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
CS7615
DS231PP6
25
Timing Control - V4X Registers (4Eh-4Fh):
4Eh:
4Fh:
V4X is a vertical register shift clock.
V4F
Number of pixels from HREF to leading edge of V4X. Default is 29h.
V4R
Number of pixels from HREF to trailing edge of V4X. Default is 45h.
Timing Control - Charge Read Out in Odd Field V2X Registers (50h-52h)
50h:
51h:
52h:
Charge readout timing for V2X in an odd field in number of pixels.
V2OR
From HREF to leading edge of V2X. Default is 185h.
V2OF
From HREF to trailing edge of V2X. Default is 1E9h.
76
54
32
10
V4F7
V4F6
V4F5
V4F4
V4F3
V4F2
V4F1
V4F0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76
54
32
10
V4R7
V4R6
V4R5
V4R4
V4R3
V4R2
V4R1
V4R0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
V2OR9
V2OR8
V2OR7
V2OR6
V2OR5
V2OR4
V2OR3
V2OR2
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
V2OF9
V2OF8
V2OF7
V2OF6
V2OF5
V2OF4
V2OF3
V2OF2
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
res
res
res
res
V2OF1
V2OF0
V2OR1
V2OR0
rrrr
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com