Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7615 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS7615 Datasheet HTML 14Page - Cirrus Logic CS7615 Datasheet HTML 15Page - Cirrus Logic CS7615 Datasheet HTML 16Page - Cirrus Logic CS7615 Datasheet HTML 17Page - Cirrus Logic CS7615 Datasheet HTML 18Page - Cirrus Logic CS7615 Datasheet HTML 19Page - Cirrus Logic CS7615 Datasheet HTML 20Page - Cirrus Logic CS7615 Datasheet HTML 21Page - Cirrus Logic CS7615 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
CS7615
18
DS231PP6
Gain Registers (25-26h)
25h:
26h:
AGC(10:0)
Gain control word for the automatic gain control. This 11 bit word is a 2’s compliment number
which has a minimum value of -784 (decimal) (Reg 26h = 04h; Reg 25h = 5F0h) for PAL or -
765d for NTSC (Reg 26h = 05h; Reg 25h = 03) and a maximum value of 484d (Reg 26h = 01h;
Reg 25h = E4h). The gain range is -54 dB to 38 dB in steps of 0.078 dB ideal, 0.12 dB max step
is guaranteed only for chip GAIN. Default is 000h.
AGC Error Statistic Register (27h):
AGCER
The 8 MSBs of the gain error statistic calculated as part of the AGC loop.
AGC Count Statistic Register (28h)
AGCCT
The output of the 1-of-7 block which denotes the bin where the AGC target was met.
AGC Target Value Register (29h)
AGCTG
The target value used in the AGC loop. It denotes the number of pixels that must be exceeded
for an intensity bin to give an output of ‘1’. Default is 0h.
000=64
100=1024
001=128
101=2048
010=256
110=4096
011=512
111=8192
76543210
AGC10
AGC9
AGC8
AGC7
AGC6
AGC5
AGC4
AGC3
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76
54
32
10
res
res
res
res
res
AGC2
AGC1
AGC0
rr
rr
r
r/w
r/w
r/w
76
54
32
10
agcer7
agcer6
agcer5
agcer4
agcer3
agcer2
agcer1
agcer0
rr
rr
rr
rr
76
54
32
10
res
agcct6
agcct5
agcct4
agcct3
agcct2
agct1
agcct0
rr
rr
rr
rr
76
54
32
10
res
res
res
res
res
agctg2
agctg1
agctg0
rr
rr
r
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com