Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7615 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS7615 Datasheet HTML 27Page - Cirrus Logic CS7615 Datasheet HTML 28Page - Cirrus Logic CS7615 Datasheet HTML 29Page - Cirrus Logic CS7615 Datasheet HTML 30Page - Cirrus Logic CS7615 Datasheet HTML 31Page - Cirrus Logic CS7615 Datasheet HTML 32Page - Cirrus Logic CS7615 Datasheet HTML 33Page - Cirrus Logic CS7615 Datasheet HTML 34Page - Cirrus Logic CS7615 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
CS7615
DS231PP6
31
GNDA - Analog Ground, PIN 12, 15, 16, 18, 22.
Analog ground reference.
GNDD - Digital Ground, PIN 6, 40.
Digital ground reference.
Analog Input
AIN - Video Input, PIN 17.
CCD output signal.
Digital Inputs
VRST - Vertical sync reset, PIN 10.
Used to reset vertical line counter in genlock mode. VRST is falling edge triggered.
INTERP - Digital Video Horizontal Data Rate Scaler Enable, PIN 11.
Active high logic input sets CLKO output rate to 1× non-interpolated data rate, and the
CLK2XO output rate to 2× interpolated data rate (5/2× CLKO rate). Logic low causes the
CLKO output rate to be the pixel rate, while CLKX2O is set to twice the pixel rate.
FCLKIN - Frequency of crystal input, PIN 13.
Logic input identifying the external crystal as a 1× rate or a 2× rate crystal. This pin should
be set high for a 1× crystal or clock source; logic low for a 2× crystal or clock source.
RESET - Master reset, PIN 14.
May be connected to external power-on-reset-circuit. Clears registers to default values. Active
logic high.
XTALIN - Crystal input, PIN 32.
May be 1× or 2× the data rate.
XTALOUT - Oscillator output to crystal, PIN 33.
If the on-chip oscillator is used, this output connects to the crystal.
Timing Generator Outputs
HSYNC - Horizontal sync signal, PIN 7.
To be used in genlock mode. HSYNC is a rising pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com