Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7615 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS7615 Datasheet HTML 6Page - Cirrus Logic CS7615 Datasheet HTML 7Page - Cirrus Logic CS7615 Datasheet HTML 8Page - Cirrus Logic CS7615 Datasheet HTML 9Page - Cirrus Logic CS7615 Datasheet HTML 10Page - Cirrus Logic CS7615 Datasheet HTML 11Page - Cirrus Logic CS7615 Datasheet HTML 12Page - Cirrus Logic CS7615 Datasheet HTML 13Page - Cirrus Logic CS7615 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
CS7615
10
DS231PP6
ternal analog gain range is 38 dB in steps of
0.078 dB ideal. Adjustments made in these small
steps should cause no noticeable brightness change
in the image from frame to frame. In addition to the
internal analog gain, the control loop will vary the
shutter speed through the OFDX output from 0 to -
54 dB as it deems necessary.
The AGC algorithm uses a luma or mosaic histo-
gramming technique in which the brightness of
each pixel is binned into one of seven bins. The
number of pixels in a bin will produce an error sig-
nal that is then used to update the gain. The follow-
ing parameters control the loop dynamics and are
programmable to meet the needs of the user.
PAL bit: Selects a PAL or NTSC camera sys-
tem.
AGC Window: Adjusts what portion of the
frame is used for the AGC algorithm.
Luma/Mosaic: Selects whether luma or mosaic
data are used in the histogramming.
HREF
HSYNC
CLAMP
HENB
CCD
OUTPUT
0
HBPD
Active Video
Hsnyr
Hsynf
BC
Hstart
Hend
Optical
black pixels
Inactive
video
Active video
Hlen
Figure 9. Timing Diagram for Href, HSYNC, Clamp, and Henb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com