Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7615 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 1 Page - Cirrus Logic

  CS7615 Datasheet HTML 1Page - Cirrus Logic CS7615 Datasheet HTML 2Page - Cirrus Logic CS7615 Datasheet HTML 3Page - Cirrus Logic CS7615 Datasheet HTML 4Page - Cirrus Logic CS7615 Datasheet HTML 5Page - Cirrus Logic CS7615 Datasheet HTML 6Page - Cirrus Logic CS7615 Datasheet HTML 7Page - Cirrus Logic CS7615 Datasheet HTML 8Page - Cirrus Logic CS7615 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 1998
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS7615
CCD Imager Analog Processor
Features
l 10-Bit A/D Converter
l Multi-Sync CCD Timing Generator,
handles imagers up to 1000 pixels wide
l Integrated Correlated Double Sampler
l 38 dB Automatic Analog Gain Control
l Up to 90 dB Total Gain Adjust Range
l Closed-Loop “Fuzzy” AGC/Exposure
l Code 16 Black Level Clamp
l I2C Control Bus
l 4-Phase Vertical CCD Timing Signals
l No CCD Buffer Amplifier Required
l Master Clock or Crystal Controlled
Description
The CS7615 is a low-power Analog front-end processor
for standard four-color interline transfer CCD imagers.
The architecture includes a correlated double sampler,
AGC amplifier, black-level clamp, 10-Bit A/D converter,
and a complete multi-sync CCD timing generator. The
analog CCD imager output can be directly connected to
the CS7615 input, which does not require an external
buffer amplifier. The pixel data is double sampled for im-
proved noise performance, and gain adjusted prior to
being digitized by the A/D converter. Feedback from the
A/D converter holds the image black level at code-16
(assumes 8-bit data path), addressing ITU-601 compli-
ance issues. The multi-sync CCD timing generator is
programmed via the I2C bus, and can be used with a
wide range of interline transfer CCD imagers up to 1000
pixels wide. The CS7615 supports full ITU-601 compli-
ance for images up to 720 pixels wide, and is compatible
with both NTSC and PAL timing. The CS7615 is de-
signed to be used along with either the CS7665 or
CS7666 Digital Color-Space Processor for CCD Camer-
as, which generates a 4:2:2 component digital video
output.
ORDERING INFORMATION
CS7615-KQ
0° to +70° C
44-pinTQFP
(10 mm × 10 mm × 1.6 mm)
CCD Output
Master Clock
CDS/AGC
Data Out
PLL
Output
Register
I2C
Block
Formatter
A/D
Converter
Black
Level
Timing
Generator
AGC
Controller
CCD Timing Signals
I2C Bus
Clocks Out
JUL ‘98
DS231PP6


Similar Part No. - CS7615

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS7620 CIRRUS-CS7620 Datasheet
1Mb / 70P
CCD IMAGER ANALOG PROCESSOR
CS7620-IQ CIRRUS-CS7620-IQ Datasheet
1Mb / 70P
CCD IMAGER ANALOG PROCESSOR
CS7622 CIRRUS-CS7622 Datasheet
348Kb / 36P
CCD Imager Analog Processor
CS7622-IQ CIRRUS-CS7622-IQ Datasheet
348Kb / 36P
CCD Imager Analog Processor
CS7654 CIRRUS-CS7654 Datasheet
1Mb / 62P
CCD COLOR SPACE PROCESSOR WITH ANALOG OUTPUT
More results

Similar Description - CS7615

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0502 STMICROELECTRONICS-STV0502 Datasheet
158Kb / 15P
CCD SENSORS ANALOG PROCESSOR IC
Oct-1998
logo
Holtek Semiconductor In...
HT82V14 HOLTEK-HT82V14 Datasheet
115Kb / 12P
14-Bit CCD/CIS Analog Signal Processor
July 12, 2000
logo
Asahi Kasei Microsystem...
AK8430 AKM-AK8430 Datasheet
269Kb / 25P
6CH CCD SENSOR ANALOG PROCESSOR
logo
Cirrus Logic
CS7622 CIRRUS-CS7622 Datasheet
348Kb / 36P
CCD Imager Analog Processor
logo
List of Unclassifed Man...
RA0512J ETC1-RA0512J Datasheet
449Kb / 7P
Full Frame CCD Imager
logo
Cirrus Logic
CS7620 CIRRUS-CS7620 Datasheet
1Mb / 70P
CCD IMAGER ANALOG PROCESSOR
logo
Holtek Semiconductor In...
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
16-Bit CCD/CIS Analog Signal Processor
June 7, 2001
HT82V842A HOLTEK-HT82V842A Datasheet
230Kb / 18P
10-Bit 20MSPS CCD Analog Signal Processor
January 2, 2006
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
16-Bit CCD/CIS Analog Signal Processor
July 23, 2009
logo
Unisonic Technologies
M1008 UTC-M1008 Datasheet
372Kb / 11P
16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com