Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7615 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS7615 Datasheet HTML 22Page - Cirrus Logic CS7615 Datasheet HTML 23Page - Cirrus Logic CS7615 Datasheet HTML 24Page - Cirrus Logic CS7615 Datasheet HTML 25Page - Cirrus Logic CS7615 Datasheet HTML 26Page - Cirrus Logic CS7615 Datasheet HTML 27Page - Cirrus Logic CS7615 Datasheet HTML 28Page - Cirrus Logic CS7615 Datasheet HTML 29Page - Cirrus Logic CS7615 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
CS7615
26
DS231PP6
Timing Control - Charge Read Out in Odd Field V3X Registers (53h-55h)
53h:
54h:
55h:
Charge readout timing for V3X in an odd field in number of pixels.
V3OF
From HREF to leading edge of V3X. Default is 188h.
V3OR
From HREF to trailing edge of V3X. Default is 3Bh.
Timing control - Charge Read Out in Even Field V2X Registers (56h-58h)
56h:
57h:
58h:
Charge readout timing for V2X in an even field in number of pixels.
V2ER
From HREF to leading edge of V2X. Default is 185h.
V2EF
From HREF to trailing edge of V2X. Default is 40h.
76
54
32
10
V3OF9
V3OF8
V3OF7
V3OF6
V3OF5
V3OF4
V3OF3
V3OF2
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76
54
32
10
V3OR7
V3OR6
V3OR5
V3OR4
V3OR3
V3OR2
V3OR1
V3OR0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76
54
32
10
res
res
res
res
res
res
V3OF1
V3OF0
rr
rr
rr
r/w
r/w
76
54
32
10
V2ER9
V2ER8
V2ER7
V2ER6
V2ER5
V2ER4
V2ER3
V2ER2
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76
54
32
10
V2EF7
V2EF6
V2EF5
V2EF4
V2EF3
V2EF2
V2EF1
V2EF0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76
54
32
10
res
res
res
res
res
res
V2ER1
V2ER0
rr
rr
rr
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com