Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7615 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS7615 Datasheet HTML 25Page - Cirrus Logic CS7615 Datasheet HTML 26Page - Cirrus Logic CS7615 Datasheet HTML 27Page - Cirrus Logic CS7615 Datasheet HTML 28Page - Cirrus Logic CS7615 Datasheet HTML 29Page - Cirrus Logic CS7615 Datasheet HTML 30Page - Cirrus Logic CS7615 Datasheet HTML 31Page - Cirrus Logic CS7615 Datasheet HTML 32Page - Cirrus Logic CS7615 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
CS7615
DS231PP6
29
Black Level Adjust Register (68h)
BLK
Offset added to input of ADC so that the output of ADC during black pixels is code 64. 00h-FFh
represents a voltage range of 0-186mV. Default is 8Fh. This register is automatically updated
when black level adjust is enabled.
Version (Minor) Register (69h)
The minor version register in the CS7615 rev A is assigned the value 00h. The Rev B device is assigned the value
01h. With each minor version the value is increased by 1.
Version (Major) Register (6Ah)
The major version register in the CS7615 rev A is assigned the value FFh. With each major version the value is
decreased by 1.
Station Address Register (FEh)
STA
CS7615’s Station address, 7 MSBs (LSB of complete 8-bit station address determined by
read/write bit).
76543210
BLK7
BLK6
BLK5
BLK4
BLK3
BLK2
BLK1
BLK0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
76543210
rrrrrrrr
76543210
76543210
rrrrrrrr
76543210
res
STA6STA5STA4STA3STA2STA1STA0
r
r/w
r/w
r/w
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com