Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7615 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS7615 Datasheet HTML 23Page - Cirrus Logic CS7615 Datasheet HTML 24Page - Cirrus Logic CS7615 Datasheet HTML 25Page - Cirrus Logic CS7615 Datasheet HTML 26Page - Cirrus Logic CS7615 Datasheet HTML 27Page - Cirrus Logic CS7615 Datasheet HTML 28Page - Cirrus Logic CS7615 Datasheet HTML 29Page - Cirrus Logic CS7615 Datasheet HTML 30Page - Cirrus Logic CS7615 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
CS7615
DS231PP6
27
Timing Control - Charge Read Out in Even Field V3X Registers (59h-5Bh)
59h:
5Ah:
5Bh:
Charge readout timing for V3X in an even field in number of pixels.
V3EF
From HREF to leading edge of V3X. Default is 188h.
V3ER
From HREF to trailing edge of V3X. Default is 3Bh.
Timing Control - Charge Read Out in Even Field V4X Registers (5Ch-5Eh)
5Ch:
5Dh:
5Eh:
Charge readout timing for V4X in an even field in number of pixels.
V4EF
From HREF to leading edge of V4X. Default is 1E9h.
V4ER
From HREF to trailing edge of V4X. Default is 45h.
76543210
V3EF9
V3EF8
V3EF7
V3EF6
V3EF5
V3EF4
V3EF3
V3EF2
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
V3ER7
V3ER6
V3ER5
V3ER4
V3ER3
V3ER2
V3ER1
V3ER0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
res
res
res
res
res
res
V3EF1
V3EF0
rrrrrr
r/w
r/w
76543210
V4EF9
V4EF8
V4EF7
V4EF6
V4EF5
V4EF4
V4EF3
V4EF2
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
V4ER7
V4ER6
V4ER5
V4ER4
V4ER3
V4ER2
V4ER1
V4ER0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76543210
res
res
res
res
res
res
V4EF1
V4EF0
rrrrrr
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com