Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7615 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS7615 Datasheet HTML 18Page - Cirrus Logic CS7615 Datasheet HTML 19Page - Cirrus Logic CS7615 Datasheet HTML 20Page - Cirrus Logic CS7615 Datasheet HTML 21Page - Cirrus Logic CS7615 Datasheet HTML 22Page - Cirrus Logic CS7615 Datasheet HTML 23Page - Cirrus Logic CS7615 Datasheet HTML 24Page - Cirrus Logic CS7615 Datasheet HTML 25Page - Cirrus Logic CS7615 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
CS7615
22
DS231PP6
Timing Control-Horizontal Blank Pd Register (40h)
HBPD
Number of pixel clocks in the horizontal blank period. Default is 70h.
Timing Control- Line Length Register (41h-42h)
41h:
42h:
HLEN
Total number of pixels in line length. Default is 270h.
Timing Control- HSYNC Registers (43h-44h)
43h:
44h:
HSYNR
Number of pixels from HREF to leading edge of HSYNC. Default is 14h.
HSYNF
Number of pixels from HREF to trailing edge of HSYNC. Default is 44h.
Timing Control - Black Clamp Register (45h)
BC
Number of pixels from HREF to leading edge of black clamp. Default is 08h. Black clamp falls
on leading edge of HENB.
76
54
32
10
HBPD7
HBPD6
HBPD5
HBPD4
HBPD3
HBPD2
HBPD1
HBPD0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76
54
32
10
HLEN9
HLEN8
HLEN7
HLEN6
HLEN5
HLEN4
HLEN3
HLEN2
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76
54
32
10
res
res
res
res
res
res
HLEN1
HLEN0
rr
rr
rr
r/w
r/w
76
54
32
10
HSYNR7
HSYNR6
HSYNR5
HSYNR4
HSYNR3
HSYNR2
HSYNR1
HSYNR0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76
54
32
10
HSYNF7
HSYNF6
HSYNF5
HSYNF4
HSYNF3
HSYNF2
HSYNF1
HSYNF0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
76
54
32
10
BC7
BC6
BC5
BC4
BC3
BC2
BC1
BC0
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com