Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS02-R Datasheet(PDF) 22 Page - Broadcom Corporation.

Part # 5222-DS02-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS02-R Datasheet(HTML) 22 Page - Broadcom Corporation.

Back Button 5222-DS02-R Datasheet HTML 18Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 19Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 20Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 21Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 22Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 23Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 24Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 25Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 26Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
BCM5222
Preliminary Data Sheet
7/20/04
Broadcom Corporation
Page 10
Pinout Diagram
Document 5222-DS02-405-R
Section 3: Pinout Diagram
Figure 2 provides the pinout diagram for the BCM5222KQM package, and Figure3onpage11 provides the pinout diagram
for the BCM5222KPF package.
Figure 2: BCM5222KQM Pinout Diagram
NC
OVDD
CRS{2}
PAUSE{2}
RXD3{2}
RXD2{2}
RXD1{2}
RXD0{2}
RXER{2}
RXC{2}
BIASVDD
LOW_PWR
ANEN
F100
OGND
BCM5222
2
1
4
3
6
5
8
7
10
9
12
11
14
13
16
15
(100 pins PQFP)
RXDV{2}
OVDD
RXER{1}
RXC{1}
OGND
RXD3{1}
RXD2{1}
RXD1{1}
COL{1}
RXDV{1}
RXD0{1}
TCK/FDX
NC
TDI/TXER{2}
CRS{1}
RESET#
78
79
80
77
70
62
76
64
74
75
63
69
72
71
61
73
BIASGND
RDAC
18
17
20
19
TDO/PAUSE{1}
TESTEN
TMS/TXER{1}
TRST#
66
68
67
65
COL{2}
OVDD
OVDD
22
21
24
23
26
25
28
27
30
29
58
59
60
57
56
54
55
52
51
53
LNKLED#{2}
SPDLED#{2}
FDXLED#{2}
ACTLED#{2}
LNKLED#{1}
SPDLED#{1}
FDXLED#{1}
ACTLED#{1}
OGND
OVDD
ADV_PAUSE{1}
ADV_PAUSE{2}
OVDD
OGND
PHYAD0
PHYAD1
PHYAD2
PHYAD3
PHYAD4
MDIX_DIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com