Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS02-R Datasheet(PDF) 24 Page - Broadcom Corporation.

Part # 5222-DS02-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS02-R Datasheet(HTML) 24 Page - Broadcom Corporation.

Back Button 5222-DS02-R Datasheet HTML 20Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 21Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 22Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 23Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 24Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 25Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 26Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 27Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 28Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
BCM5222
Preliminary Data Sheet
7/20/04
Broadcom Corporation
Page 12
Operational Description
Document 5222-DS02-405-R
Section 4: Operational Description
RESET
There are two ways to reset the BCM5222. A hardware reset pin is provided that resets all internal nodes in the chip to a
known state. The reset pulse must be asserted for at least 400 ns. Hardware reset should always be applied to the BCM5222
after power-up.
The BCM5222 also has a software reset capability. To perform software reset, a 1 must be written to bit 15 of the MII Control
register. This bit is self-clearing, meaning that a second write operation is not necessary to end the reset. There is no effect
if a 0 is written to the MII Control register reset bit
.
CLOCK
The BCM5222 requires a 25 MHz clock reference which can be driven by attaching a 25-MHz crystal between the XTALI
and XTALO pins or by connecting an external oscillator to pin XTALI. Connect 22 pF capacitors from each pin to ground
when using a crystal. When using an oscillator, leave XTALO unconnected. The reference clock requires accuracy of at least
± 50 ppm.
ISOLATE MODE
When the BCM5222 is put into isolate mode, all MII inputs (TXD[3:0], TXEN, and TXER) are ignored, and all MII outputs
(TXC, COL, CRS, RXC, RXDV, RXER, and RXD[3:0]) are set to high impedance. Only the MII management pins (MDC,
MDIO) operate normally. Upon resetting the chip, the isolate mode is off. Writing a 1 to bit 10 of the MII Control register puts
the transceiver into isolate mode. Writing a 0 to the same bit removes it from isolate mode.
LOOPBACK MODE
Loopback mode allows in-circuit testing of the BCM5222 chip. All packets sent in through the TXD pins are looped-back
internally to the RXD pins, and are not sent out to the cable. The loopback mode is enabled by writing a 1 to bit 14 of the MII
Control register. To resume normal operation, bit 14 of the MII Control register must be 0.
Incoming packets on the cable are ignored in loopback mode. Because of this, the COL pin is normally not activated during
loopback mode. To test that the COL pin is actually working, the BCM5222 can be placed into collision test mode. This mode
is enabled by writing a 1 to bit 7 of the MII Control register. Asserting TXEN causes the COL output to go high, and
deasserting TXEN causes the COL output to go low.
While in loopback mode, several function bypass modes are also available that can provide a number of different
combinations of feedback paths during loopback testing. These bypass modes include bypass scrambler, bypass MLT3
encoder and bypass 4B5B encoder. All bypass modes can be accessed by writing bits of the Auxiliary Control register (10h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com