Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS02-R Datasheet(PDF) 34 Page - Broadcom Corporation.

Part # 5222-DS02-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS02-R Datasheet(HTML) 34 Page - Broadcom Corporation.

Back Button 5222-DS02-R Datasheet HTML 30Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 31Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 32Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 33Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 34Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 35Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 36Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 37Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 38Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
BCM5222
Preliminary Data Sheet
7/20/04
Broadcom Corporation
Page 22
PHY Identifier Registers
Document 5222-DS02-405-R
PHY IDENTIFIER REGISTERS
The physical indentifier registers bit descriptions are shown in Table 9.
Broadcom Corporation has been issued an Organizationally Unique Identifier (OUI) by the IEEE. It is a 24-bit number, 00-
10-18, expressed as hex values. That number, along with the Broadcom Model Number for the BCM5222 part, 32h, and
Broadcom Revision number (n), is placed into two MII Registers. The translation from OUI, Model Number and Revision
Number to PHY Identifier register occurs as follows:
•
PHYID HIGH [15:0] = OUI[21:6]
•
PHY LOW [15:0] = OUI[5:0] + MODEL[5:0] + REV[3:0]
The 2 most significant bits of the OUI are not represented (OUI[23:22]).
Table 9 shows the result of concatenating these values to form MII Identifier Registers PHYID HIGH and PHYID LOW.
AUTO-NEGOTIATION ADVERTISEMENT REGISTER
Table 9: PHY Indentifier Registers (Addresses 00010 and 00011b, 02 and 03b, 02 and 03h)
Bit
Name
R/W
Description
Value
15:0
MII Address 02h
RO
PHYID HIGH
0040h
15:0
MII Address 03h
RO
PHYID LOW
632n (Hex)
Note: The revision number (n) changes with each silicon revision.
Table 10: Auto-Negotiation Advertisement Register (Address 04d, 04h)
Bit
Name
R/W
Description
Default
15
Next Page
R/W
1 = Next page ability is enabled
0 = Next page ability is disabled
0
14
Reserved
RO
Ignore when read
13
Remote Fault
R/W
1 = Transmit remote fault
0
12:11
Reserved
RO
Ignore when read
00
10
Pause
R/W
1 = Pause operation for full-duplex
0
9
Advertise 100BASE-T4
RO
0 = Do not advertise T4 capability
0
8
Advertise 100BASE-TX FDX
R/W
1 = Advertise 100BASE-TX full-duplex
0 = Do not advertise 100BASE-TX full-duplex
1
7
Advertise 100BASE-TX
R/W
1 = Advertise 100BASE-TX
1
6
Advertise 10BASE-T FDX
R/W
1 = Advertise 10BASE-T full-duplex
0 = Do not advertise 10BASE-T full-duplex
1
Note: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com