Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS02-R Datasheet(PDF) 33 Page - Broadcom Corporation.

Part # 5222-DS02-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS02-R Datasheet(HTML) 33 Page - Broadcom Corporation.

Back Button 5222-DS02-R Datasheet HTML 29Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 30Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 31Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 32Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 33Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 34Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 35Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 36Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 37Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
Preliminary Data Sheet
BCM5222
7/20/04
Broadcom Corporation
Document 5222-DS02-405-R
MII Status Register
Page 21
10BASE-T HALF-DUPLEX CAPABILITY
The BCM5222 is capable of 10BASE-T half-duplex operation, and returns a 1 when bit 11 of the Status register is read.
RESERVED BITS
Ignore the BCM5222 output when these bits are read.
PREAMBLE SUPPRESSION
This bit is the only writable bit in the Status register. Setting this bit to a 1 allows subsequent MII management frames to be
accepted with or without the standard preamble pattern. When preamble suppression is enabled, only 2 preamble bits are
required between successive management commands, instead of the normal 32.
AUTO-NEGOTIATION COMPLETE
Returns a 1 if auto-negotiation process has been completed and the contents of registers 4, 5, and 6 are valid.
REMOTE FAULT
The PHY returns a 1 on bit 4 of the status register when its link partner has signalled a far-end fault condition. When a far-
end fault occurs, the bit is latched at 1 and remains so until the register is read and the remote fault condition has been
cleared.
AUTO-NEGOTIATION CAPABILITY
The BCM5222 is capable of performing IEEE auto-negotiation, and returns a 1 when bit 4 of the Status register is read,
regardless of whether the auto-negotiation function has been disabled.
LINK STATUS
The BCM5222 returns a 1 on bit 2 of the Status register when the link state machine is in link pass, indicating that a valid
link has been established. Otherwise, it returns 0. When a link failure occurs after the link pass state has been entered, the
link status bit is etched at 0 and remains so until the bit is read. After the bit is read, it becomes 1 when the link pass state
is entered again.
JABBER DETECT
10BASE-T operation only. The BCM5222 returns a 1 on bit 1 of the Status register if a jabber condition has been detected.
After the bit is read once, or if the chip is reset, it reverts to 0.
EXTENDED CAPABILITY
The BCM5222 supports extended capability registers, and returns a 1 when bit 0 of the Status register is read. Several
extended registers have been implemented in the BCM5222, and their bit functions are defined later in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com