Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS02-R Datasheet(PDF) 14 Page - Broadcom Corporation.

Part # 5222-DS02-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS02-R Datasheet(HTML) 14 Page - Broadcom Corporation.

Back Button 5222-DS02-R Datasheet HTML 10Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 11Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 12Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 13Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 14Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 15Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 16Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 17Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 18Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
BCM5222
Preliminary Data Sheet
7/20/04
Broadcom Corporation
Page 2
Link Monitor
Document 5222-DS02-405-R
LINK MONITOR
In 100BASE-TX mode, receive signal energy is detected by monitoring the receive pair for transitions in the signal level.
Signal levels are qualified using squelch detect circuits. When no signal or certain invalid signals are detected on the receive
pair, the link monitor enters and remains in the link fail state, where only idle codes are transmitted. When a valid signal is
detected on the receive pair for a minimum period of time, the link monitor enters the link pass state and the transmit and
receive functions are enabled.
In 10BASE-T mode, a link-pulse detection circuit constantly monitors the RD
± pins for the presence of valid link pulses.
CARRIER SENSE
In 100BASE-TX mode, carrier sense is asserted asynchronously on the CRS pin as soon as activity is detected in the receive
data stream. RXDV is asserted as soon as a valid Start-of-Stream Delimiter (SSD) is detected. Carrier sense and RXDV are
deasserted synchronously upon detection of a valid end of stream delimiter or two consecutive idle code groups in the
receive data stream. If carrier sense is asserted and a valid SSD is not detected immediately, then RXER is asserted in place
of RXDV. A value of 1110 is driven on the receive data pins to indicate false carrier sense.
In 10BASE-T mode, carrier sense is asserted asynchronously on the CRS pin when valid preamble activity is detected on
the RD
± input pins.
In half-duplex DTE mode, the BCM5222 asserts carrier sense while transmit enable is asserted and the link monitor is in the
Pass state. In full-duplex mode, CRS is only asserted for receive activity.
COLLISION DETECTION
In half-duplex mode, collision detect is asserted on the COL pin whenever carrier sense is asserted and transmission is in
progress.
AUTO-NEGOTIATION
The BCM5222 contains the ability to negotiate its mode of operation over the twisted pair link using the auto-negotiation
mechanism defined in the IEEE 802.3u specification. Auto-negotiation can be enabled or disabled by hardware or software
control. When the auto-negotiation function is enabled, the BCM5222 automatically chooses its mode of operation by
advertising its abilities and comparing them with those received from its link partner. The BCM5222 has Next Page
capabilities. The Next Page and auto-negotiation must be enabled. Once auto-negotiation begins the pages are to be sent
by writing to Register 7 for each page.
The BCM5222 can be configured to advertise 100BASE-TX full-duplex and/or half-duplex and 10BASE-T full-and/or half-
duplex. The transceiver negotiates with its link partner and chooses the highest level of operation available for its own link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com