Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS02-R Datasheet(PDF) 57 Page - Broadcom Corporation.

Part # 5222-DS02-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS02-R Datasheet(HTML) 57 Page - Broadcom Corporation.

Back Button 5222-DS02-R Datasheet HTML 53Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 54Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 55Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 56Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 57Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 58Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 59Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 60Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 61Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 76 page
background image
Preliminary Data Sheet
BCM5222
7/20/04
Broadcom Corporation
Document 5222-DS02-405-R
Auxiliary Status 3 Register (Shadow Register)
Page 45
AUXILIARY STATUS 3 REGISTER (SHADOW REGISTER)
NOISE [7:0]
The BCM5222 provides the current mean squared error value for noise when a valid link is established.
FIFO CONSUMPTION [3:0]
The BCM5222 indicates the number of nibbles of FIFO currently used.
AUXILIARY MODE 3 REGISTER (SHADOW REGISTER)
FIFO SIZE SELECT [3:0]
The BCM5222 indicates the current selection of receive FIFO size using bit 3 through 0 as shown in Table 32.
Table 30: Auxiliary Status 3 Register (Shadow Register 28d, 1Ch)
BIt
Name
R/W
Description
Default
15:8
Noise [7:0]
R/O
Current mean square error value, valid only if link is
established
00h
7:4
Reserved
R/W
Write as 0, ignore when read
0h
3:0
FIFO Consumption [3:0]
R/O
Currently utilized number of nibbles in the receive
FIFO
0000
Note: MII Shadow register bank 1 is accessed by setting MII register 1Fh bit 7 to a 1
Table 31: Auxiliary Mode 3 Register (Shadow Register 29d, 1Dh)
BIt
Name
R/W
Description
Default
15:4
Reserved
R/W
Write as 00h, ignore when read
000h
3:0
FIFO Size Select [3:0]
R/W
Currently selected receive FIFO Size
4h
Note: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s). MII Shadow register bank 1 is
accessed by setting MII register 1Fh bit 7 to a 1.
Table 32: Current Receive FIFO Size
FIFO Size Select [3:0]
Receive FIFO Size in Use
(# of Bits)
0001
16
0010
20
0011
24
0100
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com