Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS02-R Datasheet(PDF) 50 Page - Broadcom Corporation.

Part # 5222-DS02-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS02-R Datasheet(HTML) 50 Page - Broadcom Corporation.

Back Button 5222-DS02-R Datasheet HTML 46Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 47Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 48Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 49Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 50Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 51Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 52Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 53Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 54Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 76 page
background image
BCM5222
Preliminary Data Sheet
7/20/04
Broadcom Corporation
Page 38
10BASE-T Auxiliary Error and General Status Register
Document 5222-DS02-405-R
10BASE-T AUXILIARY ERROR AND GENERAL STATUS REGISTER
MDIX STATUS
When read as a 1, this bit indicates that the BCM5222 has its MDI TD+ and RD+ signals swapped either due to manually
setting MDIX Swap bit to a 1 or through HP Auto-MDIX function if it is enabled and the BCM5222 has detected a MDI cross-
over cable.
MDIX MANUAL SWAP
When this bit is set to a 1, the BCM5222 forces its MDI TD+ and RD+ signals to be swapped.
HP AUTO-MDIX DISABLE
When this bit is set to a 1, then the BCM5222 disables the HP Auto-MDIX function.
Table 23: 10BASE-T Auxiliary Error & General Status Register (Address 28d, 1Ch)
Bit
Name
R/W
Description
Default
15:14
Reserved
RO
Ignore when read
0
13
MDIX Status
RO
0 = MDI is in use
1 = MDIX is in use
0
12
MDIX Manual Swap
RW
0 = MDI or MDIX if MDIX is not disabled
1 = Force MDIX
0
11
HP Auto-MDIX disable
R/W
0 = Enable HP Auto-MDIX
1 = Disable HP Auto-MDIX
0
10
Manchester Code Error
RO
1 = Manchester code error (10BASE-T)
0
9
End Of Frame Error
RO
1 = EOF detection error (10BASE-T)
0
8:4
Reserved
RO
Ignore when read
00000
3
Auto-Negotiation Indication
RO
1 = Auto-negotiation activated
0 = Speed forced manually
1
2
Force 100/10 Indication
RO
1 = Speed forced to 100BASE-TX
0 = Speed forced to 10BASE-T
1
1
Speed Indication
RO
1 = 100BASE-TX
0 = 10BASE-T
0
0
Full-duplex Indication
RO
1 = Full-duplex active
0 = Full-duplex not active
0
Note: All Error bits in the Auxiliary Error and General Status Register are read-only and are latched high. When certain
types of errors occur in the BCM5222, one or more corresponding error bits become “1”. They remain so until the register
is read, or until a chip reset occurs. All such errors necessarily result in data errors, and are indicated by a high value
on the RXER output pin at the time the error occurs.
R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after read
operation. Use default values of reserved bit(s) when writing to reserved bit(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com