Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS02-R Datasheet(PDF) 42 Page - Broadcom Corporation.

Part # 5222-DS02-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS02-R Datasheet(HTML) 42 Page - Broadcom Corporation.

Back Button 5222-DS02-R Datasheet HTML 38Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 39Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 40Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 41Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 42Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 43Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 44Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 45Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 46Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
BCM5222
Preliminary Data Sheet
7/20/04
Broadcom Corporation
Page 30
100BASE-TX Auxiliary Status Register
Document 5222-DS02-405-R
100BASE-TX AUXILIARY STATUS REGISTER
LOCKED
The PHY returns a 1 in bit 9 when the descrambler is locked to the incoming data stream. Otherwise it returns a 0.
CURRENT 100BASE-TX LINK STATUS
The PHY returns a 1 in bit 8 when the 100BASE-TX link status is good. Otherwise it returns a 0.
REMOTE FAULT
The PHY returns a 1 while its link partner is signalling a far-end fault condition. Otherwise it returns a 0.
FALSE CARRIER DETECTED
The PHY returns a 1 in bit 5 of the Extended Status register if a false carrier has been detected since the last time this register
was read. Otherwise it returns a 0.
Table 16: 100BASE-X Auxiliary Status Register (Address 17d, 11h)
Bit
Name
R/W
Description
Default
15:10
Reserved
RO
Ignore when read
00h
9
Locked
RO
1 = Descrambler locked
0 = Descrambler unlocked
0
8
Current 100BASE-X
Link Status
RO
1 = Link pass
0 = Link fail
0
7
Remote Fault
RO
1 = Remote fault detected
0 = No remote fault detected
0
6
Reserved
RO
Ignore when read
0
5
False Carrier Detected
RO
LH
1 = False carrier detected since last read
0 = No false carrier since last read
0
4
Bad ESD Detected
RO
LH
1 = ESD error detected since last read
0 = No ESD error since last read
0
3
Receive Error Detected
RO
LH
1 = Receive error detected since last read
0 = No receive error since last read
0
2
Transmit Error Detected
RO
LH
1 = Transmit error code received since last read
0 = No transmit error code received since last read
0
1
Lock Error Detected
RO
LH
1 = Lock error detected since last read
0 = No lock error since last read
0
0
MLT3 Code Error Detected
RO
LH
1 = MLT3 code error detected since last read
0 = No MLT3 code error since last read
0
Note: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com