Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS02-R Datasheet(PDF) 55 Page - Broadcom Corporation.

Part # 5222-DS02-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS02-R Datasheet(HTML) 55 Page - Broadcom Corporation.

Back Button 5222-DS02-R Datasheet HTML 51Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 52Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 53Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 54Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 55Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 56Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 57Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 58Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 59Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
Preliminary Data Sheet
BCM5222
7/20/04
Broadcom Corporation
Document 5222-DS02-405-R
Auxiliary Mode 4 Register (Shadow Register)
Page 43
AUXILIARY MODE 4 REGISTER (SHADOW REGISTER)
FORCE LED [1:0]
The SPDLED, LNKLED, ACTLED and FDXLED outputs can be forced to on state (0) by writing a value of 01 to Force LED
[1:0]. These LEDs can be forced to off state (1) by writing a value of 10 to Force LED {1:0].
ENABLE CLOCK DURING LOW POWER
If this bit is set to a 1 then the clocks are running in low mode.
FORCE IDDQ MODE
If this bit is set to a 1, then the BCM5222 enters IDDQ mode. When the device is in IDDQ mode, everything is disabled. The
BCM5222 requires a hard reset to return to normal mode.
Table 27: Auxiliary Mode 4 Register (Shadow Register 26d, 1Ah)
BIt
Name
R/W
Description
Default
15:6
Reserved
R/W
Write as 30h, Ignore when read
30h
5:4
Force LED [1:0]
R/W
01 = Force all LED status to on 0 state
10 = Force all LED status to off 1 state
00
3
Reserved
R/W
Write as 0, Ignore when read
0
2
Enable Clock During Low
Power
R/W
0 = Disables clock during low power modes
1 = Enables clock during low power modes
0
1
Force Low Power Mode
R/W
0 = Normal operation
1 = Forces the 5222 to enter the low power mode
0
0
Force IDDQ Mode
R/W
0 = Normal operation
1 = Causes the BCM5222 to go to IDDQ mode
0
Note: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s). MII Shadow register bank 1 is
accessed by setting MII register 1Fh bit 7 to a 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com