Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS02-R Datasheet(PDF) 27 Page - Broadcom Corporation.

Part # 5222-DS02-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS02-R Datasheet(HTML) 27 Page - Broadcom Corporation.

Back Button 5222-DS02-R Datasheet HTML 23Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 24Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 25Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 26Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 27Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 28Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 29Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 30Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 31Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
Preliminary Data Sheet
BCM5222
7/20/04
Broadcom Corporation
Document 5222-DS02-405-R
Power Saving Modes
Page 15
The Interrupt register (1Ah) also contains several bits to control different facets of the interrupt function. If the interrupt enable
bit is set to 0, no status bits are set and no interrupts are generated. If the interrupt enable bit is set to 1, the following
conditions apply:
•
If mask status bits (bits 9,10,11) are set to 0 and the interrupt mask (bit 8) is set to 0, status bits and interrupts are
available.
•
If mask status bits (bits 9,10,11) are set to 0 and the interrupt mask (bit 8) is set to 1, status bits are set but no interrupts
generated.
•
If any mask status bit is set to 1 and the interrupt mask is set to 0, that status bit is not set and no hardware interrupt of
that type is generated.
•
If any mask status bit is set to 1 and the interrupt mask is set to 1, that status bit is not set and no interrupt of any kind is
generated.
POWER SAVING MODES
Several power saving modes are implemented in the BCM5222. Table 5 shows low power modes available in the BCM5222.
Low power modes can be achieved either by hardware pin or MII register programming. The table shows both hardware pin
and software bits that determine the low power modes and whether the BCM5222 keeps the clocks active. The BCM5222
requires a hard reset to return to normal mode from a low power mode if the clocks are not running. Allow at least 2 ms
before resuming normal operation with the BCM5222 after the device is set to run in normal mode from a low power mode.
Table 5: Low Power Modes
Hardware Settings
Software Setting
Chip Operation
LOW_PWR
RESET
FORCE
IDDQ
LOW_PWR
MODE
ENABLE
CLOCK
CLOCKS
AUTO
MDIX
COMMENT
1
0
X
1
X
OFF
NO
Reset State.
0
1
0
0
X
ON
Avail
Normal operation without any power saving
modes active.
X
X
1
X
X
OFF
NO
Force Iddq register serves as a software
induced power-down mode.
1
1
0
0
0
OFF
NO
Low Power Mode without CLK functioning,
induced through hardware.
1
1
0
0
1
ON
Avail
Low Power Mode with CLK functioning, induced
through hardware.
0
1
0
1
0
OFF
NO
Low Power Mode without CLK functioning,
induced through software.
0
1
0
1
1
ON
Avail
Low Power Mode with CLK functioning, induced
through software.
LOW_PWR: Pin 27 (Active high)
RESET: Pin 68 (Active Low)
Force Iddq: Bit 0 of Shadow register 1Ah (0
−Normal Op. 1−Power down)
Low Power Mode: Bit 1 of Shadow register 1Ah(0
−Normal Op. 1−Low Power Mode)
Enable Clock: Bit 2 of Shadow register 1Ah(0
−Disabled in LP mode 1−Enabled)
Clock Operation: If clock is off, additional power is saved.
Auto-MDIX Operation: Only available if device has clock running.
X=1/0 or Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com