Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS02-R Datasheet(PDF) 19 Page - Broadcom Corporation.

Part # 5222-DS02-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS02-R Datasheet(HTML) 19 Page - Broadcom Corporation.

Back Button 5222-DS02-R Datasheet HTML 15Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 16Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 17Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 18Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 19Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 20Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 21Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 22Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 23Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
Preliminary Data Sheet
BCM5222
7/20/04
Broadcom Corporation
Document 5222-DS02-405-R
Hardware Signal Definitions
Page 7
C1, E6
7, 74
RXER{2}, RXER{1}
O3S
MII Receive Error Detected. Active high. Indicates that an
error is occurring during a receive frame.
E5, C10
9, 72
CRS{2}, CRS{1}
O3S
MII Carrier Sense. Active high. Indicates traffic on link. In
100BASE-TX mode, CRS is asserted when a non-idle
condition is detected in the receive data stream and
deasserted when idle or a valid end of stream delimiter is
detected. In 10BASE-T mode, CRS is asserted when a valid
preamble is detected and deasserted when end-of-file or an
idle condition is detected. CRS is also asserted during
transmission of packets except in full-duplex modes. CRS is
an asynchronous output signal.
D3, E7
10, 71
COL{2}, COL{1}
O3S
Collision Detect. In half-duplex modes, active high output
indicates that a collision has occurred. In full-duplex mode,
COL remains low. COL is an asynchronous output signal.
A5
91
MDIO
I/OPU Management Data I/O. This serial input/output bit is used to
read from and write to the MII registers of each of the PHYs.
The data value on the MDIO pin is valid and latched on the
rising edge of MDC.
B5
92
MDC
IPD
Management Data Clock. The MDC clock input must be
provided to allow MII management functions.
Clock frequencies up to 25 MHz are supported.
MODE
D10
68
RESET
IPU
Reset. Active Low. Resets the BCM5222. Also used to
enable Power Off and Low Power modes.
E1, E4
13, 14
PHYAD0, PHYAD1,
IPU
PHY Address Selects PHYAD[1:0]. These inputs set the two
least significant bits of the MII management PHY address for
PHY 1. PHY 2 address will be one greater than the PHY 1
address.These pins are sampled only during power-on reset.
E3, E2,
F1
15, 16,
17
PHYAD2, PHYAD3,
PHYAD4
IPD
PHY Address Selects PHYAD[4:2]. These inputs set the
three most significant bits of the MII management PHY
address for PHY 1. PHY 2 address will be one greater than
the PHY 1 address.These pins are sampled only during
power-on reset.
H8
F9
51,
64
PAUSE{2},
TDO/PAUSE{1}
OPD
PAUSE. Status of the link partner’s PAUSE bit, bit 10d of MII
Link Partner Ability register 05d.
F6
63
TCK/FDX
IPU
Full-Duplex Mode. When auto-negotiation is disabled, the
FDX pin is logically ORed with register 00, bit 8 to select full-
duplex (1) or half-duplex (0) operation. (This pin becomes
TCK if TRST pin is high.) When auto-negotiation is enabled,
this pin is ignored.
H2
27
LOW_PWR
IPD
Low Power Mode Enable. Active high input places the
BCM5222 into Low Power operation with the chip deactivated
except for the crystal oscillator if bit 2 of Shadow register 1Ah
is set to the non-default value of 1. When asserted with
RESET pulled low, the entire chip is deactivated (Power Off
mode).
Table 3: Pin Descriptions (Cont.)
BGA
MQFP
Pin Label
Type
Description
[MSB:LSB]; OVERLINE = active-low signal, I = input, O = output, I/O = bidirectional, IPU = input w/ internal pull-up, OOD
= open-drain output, O3S = three-state output, B = Bias, PWR = power supply, GND = ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com