Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS02-R Datasheet(PDF) 71 Page - Broadcom Corporation.

Part # 5222-DS02-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS02-R Datasheet(HTML) 71 Page - Broadcom Corporation.

Back Button 5222-DS02-R Datasheet HTML 67Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 68Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 69Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 70Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 71Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 72Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 73Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 74Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 75Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
Preliminary Data Sheet
BCM5222
7/20/04
Broadcom Corporation
Document 5222-DS02-405-R
Electrical Characteristics
Page 59
Table 51: Electrical Characteristics
Symbol
Parameter
Pins
Condition
Min
Typical
Max
Unit
IDD
Supply Current
AVDD, PLVDD, DVDD
100BASE-TX
109
mA
BIASVDD, OVDD
Hardware/
Software
44
mA
VOH
High-Level
Output Voltage
All Digital Outputs
IOH = −12 mA
OVDD
-0.5
V
TD
±
driving loaded
magnetics module
AVDD
+1.5
V
VOL
Low-Level
Output Voltage
All Digital Outputs
IOL = 8 mA
0.4
V
TD
±
driving loaded
magnetics module
AVDD
-1.5
V
VODIFF
Differential
Output Voltage
TD
±
400
mV
II
Input Current
Digital Inputs
w/ Pull-Up Resistors
VI = OVDD
+100
µA
VI = DGND
-200
µA
Digital Inputs
w/ Pull-Down
Resistors
VI = OVDD
+200
µA
VI = DGND
-100
µA
All Other Digital Inputs
DGND
≤ VI ≤
OVDD
+100
µA
IOZ
High-Impedance
Output Current
All Three-state
Outputs
DGND
≤ VO ≤
OVDD
µA
All Open-Drain
Outputs
VO = OVDD
µA
VBIAS
Bias Voltage
RDAC
1.18
1.30
V
Note: Current supplied through the center tap of the magnetics can be supplied at either 2.5V or 3.3V. Current
sunk through the BCM5222 is 90mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com