Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS02-R Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # 5222-DS02-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS02-R Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button 5222-DS02-R Datasheet HTML 6Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 7Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 8Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 9Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 10Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 11Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 12Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 13Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
BCM5222
Preliminary Data Sheet
7/20/04
Broadcom Corporation
Page x
Document 5222-DS02-405-R
LIST OF TABLES
Table 1: 4B5B Encoding .....................................................................................................................................4
Table 2: Receive Error Encoding ........................................................................................................................5
Table 3: Pin Descriptions ....................................................................................................................................6
Table 4: 10BASE-T Serial Mode (7-Wire) Signals ............................................................................................14
Table 5: Low Power Modes ..............................................................................................................................15
Table 6: MII Management Frame Format .........................................................................................................16
Table 7: MII Control Register (Address 00000b, 0d, 00h) ................................................................................17
Table 8: MII Status Register (Address 00001B, 01d, 01h) ...............................................................................20
Table 9: PHY Indentifier Registers (Addresses 00010 and 00011b, 02 and 03b, 02 and 03h) ........................22
Table 10: Auto-Negotiation Advertisement Register (Address 04d, 04h) .........................................................22
Table 11: Auto-Negotiation Link Partner Ability Register (Address 05d, 05h) ..................................................24
Table 12: Auto-Negotiation Expansion Register (Address 00110b, 6d, 06h) ...................................................25
Table 13: Next Page Transmit Register (Address 07d, 07h) ............................................................................26
Table 14: Next Page Transmit Register (Address 08d, 08h) ............................................................................27
Table 15: 100BASE-TX Auxiliary Control Register (Address 16d, 10h)............................................................28
Table 16: 100BASE-X Auxiliary Status Register (Address 17d, 11h) ...............................................................30
Table 17: 100BASE-TX Receive Error Counter (Address 18d, 12h) ................................................................31
Table 18: 100BASE-TX False Carrier Sense Counter (Address 19d, 13h) ......................................................32
Table 19: Auxiliary Control/Status Register (Address 11000b, 24d, 18h).........................................................32
Table 20: Auxiliary Status Summary Register (Address 11001b, 25d, 19h) .....................................................34
Table 21: Interrupt Register (Address 26d, 1Ah) ..............................................................................................35
Table 22: Auxiliary Mode 2 Register (Address 27d, 1Bh) .................................................................................36
Table 23: 10BASE-T Auxiliary Error & General Status Register (Address 28d, 1Ch).......................................38
Table 24: Auxiliary Mode Register (Address 11101b, 29d, 1Dh) ......................................................................40
Table 25: Auxiliary Multiple PHY Register (Address 30d, 1Eh) ........................................................................40
Table 26: Broadcom Test (Address 31d, 1Fh)..................................................................................................42
Table 27: Auxiliary Mode 4 Register (Shadow Register 26d, 1Ah) ...................................................................43
Table 28: Auxiliary Status 2 Register (Shadow Register 27d, 1Bh)..................................................................44
Table 29: Cable Length.....................................................................................................................................44
Table 30: Auxiliary Status 3 Register (Shadow Register 28d, 1Ch)..................................................................45
Table 31: Auxiliary Mode 3 Register (Shadow Register 29d, 1Dh)...................................................................45
Table 32: Current Receive FIFO Size ...............................................................................................................45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com