Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS02-R Datasheet(PDF) 46 Page - Broadcom Corporation.

Part # 5222-DS02-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS02-R Datasheet(HTML) 46 Page - Broadcom Corporation.

Back Button 5222-DS02-R Datasheet HTML 42Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 43Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 44Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 45Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 46Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 47Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 48Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 49Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 50Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
BCM5222
Preliminary Data Sheet
7/20/04
Broadcom Corporation
Page 34
Auxiliary Status Summary Register
Document 5222-DS02-405-R
When bit 2 of the Auxiliary Control register (18h) is 0, the speed of the chip is 10BASE-T. In all other cases, either the speed
is not forced (auto-negotiation is enabled), or the speed is forced to 100BASE-TX.
SPEED INDICATION
This read-only bit shows the true current operation speed of the BCM5222. A 1 indicates 100BASE-TX operation, and a 0
indicates 10BASE-T. While the auto-negotiation exchange is performed, the BCM5222 is always operating at 10BASE-T
speed.
FULL-DUPLEX INDICATION
This read-only bit returns a 1 when the BCM5222 is in full-duplex mode. In all other modes, it returns a 0.
AUXILIARY STATUS SUMMARY REGISTER
The Auxiliary Status Summary register contains copies of redundant status bits found elsewhere within the MII register
space. Descriptions for each of these individual bits can be found associated with their primary register descriptions.
Table 20 indicates the bits found in this register.
Table 20: Auxiliary Status Summary Register (Address 11001b, 25d, 19h)
Bit
Name
R/W
Description
Default
15
Auto-Negotiation Complete
RO
1 = Auto-negotiation process completed
0
14
Auto-Negotiation Complete
Acknowledge
RO
LH
1 = Auto-negotiation completed acknowledge state
0
13
Auto-Negotiation
Acknowledge Detected
RO
LH
1 = Auto-negotiation acknowledge detected
0
12
Auto-Negotiation Ability
Detect
RO
LH
1 = Auto-negotiation for link partner ability
0
11
Auto-Negotiation Pause
RO
BCM5222 and link partner pause operation bit
0
10:8
Auto-Negotiation HCD
RO
000 = No highest common denominator
001 = 10BASE-T
010 = 10BASE-T Full-Duplex
011 = 100BASE-TX
100 = 100BASE-T4
101 = 100BASE-TX Full-Duplex
11x = Undefined
000
7
Auto-Negotiation Parallel
Detection Fault
RO
LH
1 = Parallel detection fault
0
6
Link Partner Remote Fault
RO
1 = Link partner remote fault
0
5
Link Partner Page Received
RO
LH
1 = New page has been received
0
4
Link Partner Auto-
Negotiation Able
RO
1 = Link partner is auto-negotiation capable
0
3
Speed Indicator
RO
1 = 100 Mbps
0 = 10 Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com