Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS02-R Datasheet(PDF) 26 Page - Broadcom Corporation.

Part # 5222-DS02-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS02-R Datasheet(HTML) 26 Page - Broadcom Corporation.

Back Button 5222-DS02-R Datasheet HTML 22Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 23Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 24Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 25Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 26Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 27Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 28Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 29Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 30Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
BCM5222
Preliminary Data Sheet
7/20/04
Broadcom Corporation
Page 14
10BASE-T Serial Mode
Document 5222-DS02-405-R
10BASE-T SERIAL MODE
The BCM5222 supports 10BASE-T serial mode, also known as the 7-wire interface. In this mode, 10BASE-T transmit and
receive packets appear at the MII in serial fashion, at a rate of 10 MHz. Receive packet data is output on RXD0
synchronously with RXC. Transmit packet data must be input on TXD0 synchronously with TXC. Both clocks toggle at
10 MHz.
The 10BASE-T serial mode is enabled by writing a 1 to bit 1 of the Auxiliary Multiple-PHY register (1Eh). This mode is not
available in 100BASE-TX mode. Table 4 on page 14 shows the MII pins used in this mode and their direction of operation.
SPECIAL LED MODES
FORCE LEDS ON
The SPDLED, LNKLED, ACTLED, and FDXLED outputs can be forced on (0 value) by writing a 01 to bit 5 and 4 of Shadow
register 1Ah.
DISABLE LEDS
The SPDLED, LNKLED, ACTLED, and FDXLED outputs can be forced off (1 value) by writing a 10 to bit 5 and 4 of Shadow
register 1Ah.
INTERRUPT MODE
The BCM5222 can be programmed to provide an interrupt output that is shared between the two PHYs. Three conditions
can cause an interrupt to be generated: changes in the duplex mode, changes in the speed of operation or changes in the
link status. The interrupt feature is disabled by default and is enabled by setting MII register 1Ah, bit 14. The INTR pin is
open-drain and can be wire-ORed with INTR pins of other chips on a board. The status of each interrupt source is reflected
in register 1Ah, bits 1, 2 and 3. If any type of interrupt occurs, the Interrupt Status bit, register 1Ah, bit 0, is set.
Table 4: 10BASE-T Serial Mode (7-Wire) Signals
pin LABEL
Type
DESCRIPTION
TXD0
I
Serial Transmit Data
TXC
O
Transmit Data Clock (10 MHz)
TXEN
I
Transmit Enable
RXD0
O
Serial Receive Data
RXC
O
Receive Data Clock (10 MHz)
CRS
O
Carrier Sense
COL/RXEN
O
Collision Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com