Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS02-R Datasheet(PDF) 38 Page - Broadcom Corporation.

Part # 5222-DS02-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS02-R Datasheet(HTML) 38 Page - Broadcom Corporation.

Back Button 5222-DS02-R Datasheet HTML 34Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 35Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 36Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 37Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 38Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 39Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 40Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 41Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 42Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
BCM5222
Preliminary Data Sheet
7/20/04
Broadcom Corporation
Page 26
Auto-Negotiation Next Page Register
Document 5222-DS02-405-R
NEXT PAGE ABLE
The BCM5222 returns 1 when bit 2 of the Auto-Negotiation Expansion register is read, indicating that it has next page
capabilities.
PAGE RECEIVED
Bit 1 of the Auto-Negotiation Expansion register is latched high when a new link code word is received from the link partner,
checked, and acknowledged. It remains high until the register is read, or until the chip is reset.
LINK PARTNER AUTO-NEGOTIATION ABLE
Bit 0 of the Auto-Negotiation Expansion register returns a 1 when the link partner is known to have auto-negotiation
capability. Before any auto-negotiation information is exchanged, or if the link partner does not comply with IEEE auto-
negotiation, the bit returns a value of 0.
AUTO-NEGOTIATION NEXT PAGE REGISTER
NEXT PAGE
Indicates whether this is the last next page to be transmitted.
MESSAGE PAGE
Differentiates a Message Page from an Unformatted Page.
Table 13: Next Page Transmit Register (Address 07d, 07h)
Bit
Name
R/W
Description
Default
15
Next Page
R/W
1 = Additional next page(s) will follow
0 = Last page
0
14
Reserved
R/W
Ignore when read
0
13
Message Page
R/W
1= Message page
0 = Unformatted page
1
12
Acknowledge 2
R/W
1 = Will comply with message
0 = Cannot comply with message
0
11
Toggle
RO
1 = Previous value of the transmitted link code word
equalled logic zero
0 = Previous value of the transmitted link code word
equalled logic one
0
10:0
Message/Unformatted Code
Field
R/W
1
Note: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com