Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS02-R Datasheet(PDF) 16 Page - Broadcom Corporation.

Part # 5222-DS02-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS02-R Datasheet(HTML) 16 Page - Broadcom Corporation.

Back Button 5222-DS02-R Datasheet HTML 12Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 13Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 14Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 15Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 16Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 17Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 18Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 19Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 20Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
BCM5222
Preliminary Data Sheet
7/20/04
Broadcom Corporation
Page 4
Stream Cipher
Document 5222-DS02-405-R
STREAM CIPHER
In 100BASE-TX mode, the transmit data stream is scrambled to reduce radiated emissions on the twisted-pair cable. The
data is scrambled by exclusive ORing the NRZ signal with the output of an 11-bit-wide linear feedback shift register (LFSR),
which produces a 2047-bit non-repeating sequence. The scrambler reduces peak emissions by randomly spreading the
signal energy over the transmit frequency range and eliminating peaks at certain frequencies.
The receiver descrambles the incoming data stream by exclusive ORing it with the same sequence generated at the
transmitter. The descrambler detects the state of the transmit LFSR by looking for a sequence representing consecutive idle
codes. The descrambler locks to the scrambler state after detecting a sufficient number of consecutive idle code-groups.
The receiver does not attempt to decode the data stream unless the descrambler is locked. When locked, the descrambler
continuously monitors the data stream to make sure that it has not lost synchronization. The receive data stream is expected
to contain inter-packet idle periods. If the descrambler does not detect enough idle codes within 724
µs, it becomes unlocked,
and the receive decoder is disabled. The descrambler is always forced into the unlocked state when a link failure condition
is detected.
Stream cipher scrambling/descrambling is not used in 10BASE-T mode.
MII MANAGEMENT
The BCM5222 contains two complete sets of MII management registers accessible by using the management clock line
(MDC) and the bidirectional serial data line (MDIO). Each PHY has one associated MII register which is accessed by
commands containing the corresponding PHY address. By configuring the five external PHY address input pins, the PHY
address of PHY 1 is set. PHY 2 address will be one bit higher than that of PHY 1.
Every time an MII read or write operation is executed, the BCM5222 compares the operation's PHY address with its own
PHY address definition. The operation is executed only when the addresses match.
For further details, see Section 5: “Register Summary” on page 16.
Table 1: 4B5B Encoding
Name
4B Code
5B Code
Meaning
0
0000
11110
Data 0
1
0001
01001
Data 1
2
0010
10100
Data 2
3
0011
10101
Data 3
4
0100
01010
Data 4
5
0101
01011
Data 5
6
0110
01110
Data 6
7
0111
01111
Data 7
8
1000
10010
Data 8
9
1001
10011
Data 9
A
1010
10110
Data A
B
1011
10111
Data B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com