Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5222-DS02-R Datasheet(PDF) 56 Page - Broadcom Corporation.

Part # 5222-DS02-R
Description  Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5222-DS02-R Datasheet(HTML) 56 Page - Broadcom Corporation.

Back Button 5222-DS02-R Datasheet HTML 52Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 53Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 54Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 55Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 56Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 57Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 58Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 59Page - Broadcom Corporation. 5222-DS02-R Datasheet HTML 60Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 76 page
background image
BCM5222
Preliminary Data Sheet
7/20/04
Broadcom Corporation
Page 44
Auxiliary Status 2 Register (Shadow Register)
Document 5222-DS02-405-R
AUXILIARY STATUS 2 REGISTER (SHADOW REGISTER)
MLT3 DETECTED
The BCM5222 returns a 1 in this bit whenever MLT3 signaling is detected.
CABLE LENGTH 100X [2:0]
The BCM5222 provides the cable length for each port when a 100TX link is established.
ADC PEAK AMPLITUDE [5:0]
The BCM5222 returns the AD converter’s 6-bit peak amplitude seen during this link.
Table 28: Auxiliary Status 2 Register (Shadow Register 27d, 1Bh)
BIt
Name
R/W
Description
Default
15
MLT3 Detected
R/O
1 = MLT3 Detected
0h
14:12
Cable Length 100X [2:0]
R/O
The BCM5222 shows the cable length in 20 meters
increment as shown in the table below
000
11:6
ADC Peak Amplitude [5:0]
R/O
A to D peak amplitude seen
00h
5:0
Reserved
R/W
Write as 0, Ignore when read
01h
Note: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s). MII Shadow register bank 1 is
accessed by setting MII register 1Fh bit 7 to a 1.
Table 29: Cable Length
Cable Length 100x [2:0]
Cable Length in Meters
000
< 20
001
20 to <40
010
40 to <60
011
60 to < 80
100
80 to < 100
101
100 to < 120
110
120 to < 140
111
> 140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com